Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
30 of 49
Figure 102. ADA4620-1 THD vs. Frequency for Various
Source Impedances
Figure 103. ADA4620-2 THD vs. Frequency for Various Source
Impedances
Figure 104. ISY per Amplifier vs. VSY (Dual and Single
Supplies) at Four Temperatures
Figure 105. ISY vs. Temperature for Four Supplies
Figure 106. ISY per Amplifier vs. VSY (Single Supply) Power
on Zoom at Four Temperatures
Figure 107. ISY per Amplifier vs. VSY (Dual Supply) Power on
Zoom at Four Temperatures
AV = +1
VSY = ±18V
RS = 0Ω, RL = 2kΩ
RS = 1kΩ, RL = 2kΩ
RS = 2kΩ, RL = 2kΩ
RS = 10kΩ, RL = 2kΩ
RS = 20kΩ, RL = 2kΩ
RS = 0Ω, RL = 10kΩ
RS = 1kΩ, RL = 10kΩ
RS = 2kΩ, RL = 10kΩ
RS = 10kΩ, RL = 10kΩ
RS = 20kΩ, RL = 10kΩ
NOISE BW = 5kHz
NOISE BW = 50kHz
NOISE BW = 500kHz
FREQUENCY (Hz)
10
100
1k
10k
100k
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
AV = +1
VSY = ±18V
RS = 0Ω, RL = 2kΩ
RS = 1kΩ, RL = 2kΩ
RS = 2kΩ, RL = 2kΩ
RS = 10kΩ, RL = 2kΩ
RS = 20kΩ, RL = 2kΩ
RS = 0Ω, RL = 10kΩ
RS = 1kΩ, RL = 10kΩ
RS = 2kΩ, RL = 10kΩ
RS = 10kΩ, RL = 10kΩ
RS = 20kΩ, RL = 10kΩ
NOISE BW = 5kHz
NOISE BW = 50kHz
NOISE BW = 500kHz
FREQUENCY (Hz)
10
100
1k
10k
100k
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
VCM = MID-SUPPLY
–40°C
+25°C
+85°C
+125°C
VSY (V)
0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VCM = 0V
VSY = ±2.25V
VSY = ±5V
VSY = ±10V
VSY = ±18V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
VCM = 0V
–40°C
+25°C
+85°C
+125°C
VSY (V)
0
0.5 1.0
1.5 2.0
2.5 3.0
3.5 4.0
4.5 5.0
5.5 6.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VCM = 0V
–40°C
+25°C
+85°C
+125°C
VSY (V)
0
±0.5
±.01
±1.5
±2.0
±2.5
±3.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com