Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 35Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
39 of 49
Figure 122 shows the total output noise for the photodiode preamp, where the preamp is configured for slight
overcompensation with a feedback capacitor CF = 1.5 pF. Total output noise is 520 µVRMS over a 2 MHz measurement
bandwidth.
Figure 122. Output Noise Spectrum
For more information, see the KWIK circuit application note: 1 MHz, Single Supply, Photodiode Transimpedance
Amplifier (TIA) Design.
ADC Driving
Figure 123. Squeezing a High Voltage High Impedance Signal into a 5 V Precision Differential Input ADC
The ADA4620 has high DC precision and very low bias current. Adding its low distortion, it is suitable for data
acquisition systems using high resolution ADCs. When an ADC samples its input, it puts a glitch onto the upstream
circuit, such that the upstream circuit must settle back out before the ADC closes its sample window, ending the
analog “acquisition” phase. Any unsettled residue from the glitch leads to increased noise and distortion in the
sample. Figure 123 shows an ADA4620-2 driving a 20 V p-p single-ended signal into a single-to-differential
converting circuit using the other half of the ADA4620-2 and an LT5400. The resulting differential voltages are fed
into the LTC2378-20, a 20-bit 1 MSps SAR ADC.
FREQUENCY (Hz)
20k
100k
1M
2M
0
100
200
300
400
500
600
700
800
–15V
+15V
1/2
ADA4620-2
VIN
+10V
–10V
+5V
0V
+5V
0V
CD
1/2
ADA4620-2
20kΩ
20kΩ
10kΩ
10µF
VREF = 5V
10kΩ
10kΩ
LT5400-4
1kΩ
1kΩ
1kΩ
1kΩ
IN+
IN–
VREF
+5V
VDD
+2.5V
GND
LTC2378-20
SAR ADC
20-BIT
CD = 680pF, NP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com