Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
13 of 49
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 4. ADA4620-1, 8-Lead SOIC_N (R-8) Pin Configuration
Table 7. ADA4620-1 Pin Descriptions, 8-Lead SOIC (R-8)
PIN
NAME
DESCRIPTION
1, 5, 8
NIC
Not Internally Connected
2
−IN
Inverting Input
3
+IN
Noninverting Input
4
V−
Negative Supply Voltage
6
OUT
Output
7
V+
Positive Supply Voltage
Figure 5. ADA4620-2, 8-Lead SOIC_N (R-8) Pin Configuration
Table 8. ADA4620-2 Pin Descriptions, 8-Lead SOIC (R-8)
PIN
NAME
DESCRIPTION
1
OUT A
Output, Channel A
2
−IN A
Inverting Input, Channel A
3
+IN A
Noninverting Input, Channel A
4
V−
Negative Supply Voltage
5
+IN B
Noninverting Input, Channel B
6
−IN B
Inverting Input, Channel B
7
OUT B
Output, Channel B
8
V+
Positive Supply Voltage
NIC 1
–IN 2
+IN 3
V– 4
NIC
8
V+
7
OUT
6
NIC
5
ADA4620-1
(Not to Scale)
TOP VIEW
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4620-2
(Not to Scale)
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com