Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 36Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 37Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 38Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 39Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
40 of 49
Figure 124. Analog and Digital Waveforms Associated with the ADA4620 and LTC2378-20, Showing the Sampling Glitches at 1
MSps
Figure 124 shows the sampling glitches at the IN− of the LTC2378-20 at its full rate of 1 MSps. This is with an exact
and synchronous 5 kHz input waveform, allowing coherence in the time domain (as shown), but this is incoherent
in an FFT (and requires windowing to be intelligible). The red waveform is a piece of the input sinusoid at 5 V/DIV.
The blue waveform is the digital CNV signal clocking the ADC, and the green waveform is the BUSY signal from the
ADC. While BUSY is low, the sampling capacitor is connected to the upstream circuit, and constitutes the analog
acquisition window. The yellow waveform is the actual ADC IN−, with the glitches in evidence. Note that with a 1 µs
sample time, the analog acquisition window is only 300 ns, which is quite a short time for a 16.5 MHz upstream
system to try to settle to 20 bits.
Figure 125. At a Reduced Sampling Rate of 200 kSps, Giving a Large TS of 5 µs, Almost All the Extra Time is Allocated to the
Sampling Window, Allowing Much Better Settling of the Upstream Circuit
Figure 125 shows the same system at a reduced sample rate of 200 kSps. Of the now increased sample time of 5 µs,
the extra 4 µs is allocated almost entirely to the analog acquisition time. This gives ample time for the upstream
16.5 MHz GBW circuit to settle to its most precise values.
VIN (2V/DIV)
CNV (2V/DIV)
BUSY (2V/DIV)
ADC−INPUT (500mV/DIV)
BUSY LOW = ACQUISITION WINDOW
TIME (1µs/DIV)
VIN (2V/DIV)
CNV (2V/DIV)
BUSY (2V/DIV)
ADC−INPUT (500mV/DIV)
TIME (1µs/DIV)
BUSY LOW = ACQUISITION WINDOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com