Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 40Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 47Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
44 of 49
Figure 132. 100 kHz Third-Order Butterworth Filter Frequency Response
Large Signal Behavior
The ADA4620 is a precision low noise op amp optimized for small signal applications. In the presence of large-signal
fast input steps, it does exhibit some less ideal behaviors. For fast steps much larger than 4 V noninverting, and 8 V
inverting, the output begins to exhibit some delay. This occurs on the rising edge of the input, in either inverting or
noninverting cases. Figure 133 shows the issue in a gain of −1. The test setup involves a supply voltage of ±18 V and
up to ±16 V input. The output delay time starts out at tens of nanoseconds but can be as high as 500 ns for very
large steps. In the noninverting case, shown in Figure 134, steps larger than about 15 V begin to show an extended
overshoot on the output, with amplitude 1.4 V, and output delay times extending into the low microseconds. Figure
133 and Figure 134 show the behaviors all the way up to a 32 V step. In these two figures, the dashed lines represent
the input step signal, and the solid line that overlays the flat portion of each dotted line is the corresponding output
for that input signal.
Figure 133. Large Signal Inverting Output Behavior, Without Feedback C, Input Signals Shown Inverted
MAGNITUDE
PHASE
FREQUENCY (kHz)
1
10
100
500
–40
–35
–30
–25
–20
–15
–10
–5
0
5
–240
–210
–180
–150
–120
–90
–60
–30
0
30
AV = –1
INPUT PULSES ARE DASHED LINES
OUTPUT PULSES ARE SOLID LINES
TIME (1µs/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com