Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
28 of 49
Figure 90. ADA4620-1 Overshoot vs. Load Capacitance
(AV = −1)
Figure 91. ADA4620-2 Overshoot vs. Load Capacitance
(AV = −1)
Figure 92. No Phase Reversal (Sine Freq. = 1 kHz)
Figure 93. No Phase Reversal (Sine Freq. = 100 kHz)
Figure 94. Max. Undistorted Output Swing (THD 1%) vs.
Frequency
Figure 95. THD vs. Amplitude vs. RL (AV = +1)
VIN = 25mV p-p
AV = –1
RF = RG = 1kΩ
CF = 2.7pF
CAPACITANCE (pF)
1
10
100
1000
0
2
4
6
8
10
12
14
16
18
20
POSITIVE, RISO = 0Ω
NEGATIVE, RISO = 0Ω
POSITIVE, RISO = 25Ω
NEGATIVE, RISO = 25Ω
POSITIVE, RISO = 50Ω
NEGATIVE, RISO = 50Ω
VIN = 25mV p-p
AV = –1
RF = RG = 1kΩ
CF = 2.7pF
POSITIVE, RISO = 0Ω
NEGATIVE, RISO = 0Ω
POSITIVE, RISO = 25Ω
NEGATIVE, RISO = 25Ω
POSITIVE, RISO = 50Ω
NEGATIVE, RISO = 50Ω
CAPACITANCE (pF)
1
10
100
1000
0
2
4
6
8
10
12
14
16
18
20
AV = +1
VIN = 37V p-p
f = 1 kHz
CL = 50pF
VIN
VOUT, RL = 2kΩ
VOUT, RL = 10kΩ
TIME (100µs/DIV)
AV = +1
VIN = 37V p-p
f = 100kHz
CL = 50pF
VIN
VOUT, RL = 2kΩ
VOUT, RL = 10kΩ
TIME (1µs/DIV)
AV = –1
RF = 10kΩ
CF = OPEN
VSY = ±18V
VSY = ±5V
VSY = ±2.25V
FREQUENCY (kHz)
10
100
1k
10k
0
5
10
15
20
25
30
35
40
AV = +1
VSY = ±18V
LOW TO HIGH VCM CROSSOVER
f = 1kHz, RL = 2kΩ
f = 10kHz, RL = 2kΩ
f = 100kHz, RL = 2kΩ
f = 1kHz, RL = 10kΩ
f = 10kHz, RL = 10kΩ
f = 100kHz, RL = 10kΩ
NOISE BW = 5kHz
NOISE BW = 50kHz
NOISE BW = 500kHz
AMPLITUDE (VRMS)
0.1
1
10
20
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com