Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
11 of 49
exceeding this temperature limit can change the stresses that the package exerts on the die, permanently shifting
the parametric performance of the ADA4620. Exceeding a junction temperature of 175°C for an extended time can
cause changes in the silicon devices, potentially causing failure.
The still air thermal properties of the package and PCB (JA), ambient temperature (TA), and total power dissipated
in the package (PD) determine the junction temperature of the die. The junction temperature can be calculated by:
������������ = ������������ + (������������ × ������������������)
The power dissipated in the package (PD) is the sum of the quiescent power dissipation and the power dissipated in
the package due to the load drive for all outputs. In most situations, the package temperature rise is governed by
the average power dissipation. The average power dissipation comprises two parts: quiescent power and output
stage power. The quiescent power is the voltage between the supply pins (VSY) times the quiescent current (ISY). The
calculation of the output stage power dissipation depends on the output waveforms and load. This calculation also
must be broken down into two pieces: the power dissipated when sourcing output current, and the power
dissipated when sinking current. Normally, when sourcing current, the current flows from the positive rail, ������
+, into
the load. The voltage drop across the output stage is (������+ − ������
������������������) and the power dissipation is
(
������+ − ������������������������) × |������������������������������|. Similarly, when sinking current, the voltage drop across the output stage is (������������������������ − ������-)
and the power dissipation is (������
������������������ − ������-) × |������������������������������|.
With a sinusoidally-driven resistive load, RL, referenced to mid-supply, and driven with a voltage amplitude, ������, the
quiescent power dissipation is ������
������������ × ������������������. The average output power dissipation per cycle when sourcing current is:
������������������������������������������ =
1
������
∫
(
������������������
2
− ������ sin (
2������������
������
)) (
������
������������
sin (
2������������
������
)) ������������
������ 2
⁄
0
=
������ × ������������������
2������������������
−
������2
4������������
The average output power dissipation per cycle when sinking current is:
������������������������������ =
1
������
∫ (������ sin (
2������������
������
) +
������������������
2
) (−
������
������������
sin
(
2������������
������
)) ������������
������
������ 2
⁄
=
������ × ������������������
2������������������
−
������2
4������������
The total power dissipation equals the sum of the quiescent power and power dissipated sourcing and sinking:
������������������������������������ = ������������������������������������������������������������ + ������������������������������������������ + ������������������������������
������������������������������������ = ������������������ × ������������������ +
������ × ������������������
������������������
−
������2
2������������
The worst-case power dissipation occurs when ������ = ������
������������ ������
⁄
and:
������������������������������������ = ������������������ × ������������������ +
������������������
2
2������2������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com