Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 41Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 42Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 43Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 44Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 45Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 46Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 47Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 48Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 49Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
46 of 49
Figure 136. 20 V Step into ADA4620 in AV = +1. Red is 80 V/µs Input Pulse, Blue is After 330 Ω, 330 pF RC into the +IN Pin, Green
is Well-Behaved Output
Recommended Power Solution
Analog Devices has a wide range of power management products that meet the requirements of most high-
performance signal chains. For a dual-supply application, the ADA4620 may need as high as a ±18 V supply. Low
dropout (LDO) linear regulators such as the LT3042 for the positive supply and the LT3093 for the negative supply
help improve the PSRR at high frequency and generate a low noise power rail. In addition, if a negative supply is
not available, the ADP5070 can generate the negative supply from a positive supply. Table 9 shows the list of the
recommended power management devices for ADA4620.
Table 9. Recommended Power Management Devices
Product
Description
ADP5070
DC-to-DC switching regulator with independent positive and negative outputs
LT3032
Dual 150 mA positive/negative low noise LDO linear regulator
LT3093
−20 V, 200 mA, ultralow noise, ultrahigh PSRR negative linear regulator
LT3042
20 V, 200 mA, ultralow noise, ultrahigh PSRR RF linear regulator
It is recommended to use a low ESR 0.1 μF bypass capacitor close to each power supply pin of the ADA4620 and
ground to reduce errors coupling in from the power supplies. For noisy power supplies, place an additional 10 μF
capacitor in parallel with the 0.1 μF for better performance.
Layout Guidelines
The ADA4620 has extremely high impedance inputs. Shunt impedances from leakage resistance and parasitic
capacitance in the PCB layout can severely degrade the performance of the low bias input in the presence of high
impedance sources. Protect against parasitic leakage currents with guarding techniques to reduce the voltage
gradient seen by the input node. Physically, a guard is a low impedance conductor that surrounds a high
impedance node and is driven to the voltage of that node. It buffers leakage by diverting the leakage from the
sensitive node and into the low impedance guard. Remove the solder mask from the guard traces and leave the
metal exposed so it can shunt rogue surface charges to itself rather than allow them to pass over and reach
sensitive nodes. For more information on guarding techniques, refer to Layout For Precision Op Amps.
Depending on the application circuit, the ADA4620-1 (single) or the ADA4620-2 (dual) may be easier to lay out. For
example, for noninverting applications, the dual has a +IN at pin 5 on the corner, easily protected by the adjacent
TIME (1μs/DIV)
AV = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com