Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4620-2ARZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4620-2ARZ-R7
Description  36 V, Precision, Low Noise, 16.5 MHz JFET Op Amp with Rail-to-Rail Output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4620-2ARZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4620-2ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4620-2ARZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Data Sheet
ADA4620-1, ADA4620-2
analog.com
Rev. 0
22 of 49
Figure 54. PSRR vs. Temperature
Figure 55. PSRR vs. Frequency
Figure 56. VOS vs VOUT, Four Temperatures, RL = 10 kΩ
Figure 57. VOS vs VOUT, Four Temperatures, RL = 2 kΩ
Figure 58. ISC vs. Temperature
Figure 59. VOS vs. IOUT, Four Temperatures
+PSRR
–PSRR
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
120
122
124
126
128
130
132
134
136
138
140
+PSRR
–PSRR
FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
10M
100M
–20
0
20
40
60
80
100
120
140
160
RL = 10kΩ
–40°C
+25°C
+85°C
+125°C
VOUT (V)
–18–16–14–12–10 –8 –6 –4 –2 0 2 4 6 8 10 12 14 16 18
–30
–20
–10
0
10
20
30
40
50
60
RL = 2kΩ
–40°C
+25°C
+85°C
+125°C
VOUT (V)
–18–16–14–12–10 –8 –6 –4 –2 0 2 4 6 8 10 12 14 16 18
–30
–20
–10
0
10
20
30
40
50
60
MEAN OF 5 PARTS
ISINK
ISOURCE
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
90
100
VOUT = 0V
–40°C
+25°C
+85°C
+125°C
IOUT (mA)
–20
–15
–10
–5
0
5
10
15
20
–20
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com