Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 3 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 3 Page - PMC-Sierra, Inc

  PM7375-SC Datasheet HTML 1Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 2Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 3Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 4Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 5Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 6Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 7Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 8Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
i
CONTENTS
1
FEATURES ......................................................................................................................................1
2
APPLICATIONS ...............................................................................................................................2
3
REFERENCES ................................................................................................................................2
4
APPLICATION EXAMPLES .............................................................................................................4
4.1.2
STS-3C UTP-5 ATM OPERATION......................................................................5
4.1.3
STS-3C/1 OPTICAL ATM OPERATION ..............................................................5
4.1.4
DS3/E3 ATM OPERATION ..................................................................................6
5
BLOCK DIAGRAM ...........................................................................................................................7
6
DESCRIPTION ................................................................................................................................9
7
PIN DIAGRAM ...............................................................................................................................11
8
PIN DESCRIPTION (TOTAL 208) ..................................................................................................12
8.1
LINE SIDE INTERFACE SIGNALS (24) ..........................................................................12
8.2
MULTIPURPOSE PORT INTERFACE SIGNALS (24) .....................................................17
8.3
PCI HOST INTERFACE SIGNALS (52)...........................................................................23
8.4
MICROPROCESSOR INTERFACE SIGNALS (31) .........................................................31
8.5
MISCELLANEOUS INTERFACE SIGNALS (77) .............................................................35
9
FUNCTIONAL DESCRIPTION ......................................................................................................42
9.1
RECEIVE LINE INTERFACE ...........................................................................................42
9.1.1
CLOCK RECOVERY UNIT................................................................................42
9.1.2
SERIAL TO PARALLEL CONVERTER..............................................................43
9.2
RECEIVE FRAMER AND OVERHEAD PROCESSOR....................................................43
9.2.1
RECEIVE SECTION OVERHEAD PROCESSOR .............................................44
9.2.2
RECEIVE LINE OVERHEAD PROCESSOR.....................................................44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com