Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 73 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 73 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 69Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 70Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 71Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 72Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 73Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 74Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 75Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 76Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 77Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
57
9.10.2.2
Fig. 9.6 STS-1 Default Transport Overhead Values
C1
(0x01)
A2
(0x28)
F1
(0x00)
E1
(0x00)
B1
(*)
D3
(0x00)
D2
(0x00)
D1
(0x00)
H3
(0x00)
H2
(0x0A)
H1
(0x6A)
K2
(0x00)
K1
(0x00)
B2
(*)
D6
(0x00)
D5
(0x00)
D4
(0x00)
D9
(0x00)
D8
(0x00)
D7
(0x00)
D12
(0x00)
D11
(0x00)
D10
(0x00)
E2
(0x00)
Z2
(*)
Z1
(0x00)
A1
(0xF6)
* : B1, B2 values depend on payload contents
Z2 value depends on incoming line bit errors
9.11
Transmit Path Overhead Processor
The Transmit Path Overhead Processor (TPOP) provides transport frame alignment
generation, pointer generation (H1, H2), path overhead insertion, insertion of the
synchronous payload envelope, path BIP-8 (B3) insertion and the insertion of path
level alarm signals. The default line overhead bytes inserted by the TPOP are
shown in the Default Path Overhead Values figure below.
The TPOP generates the outgoing pointer as specified in the references. On
startup, the pointer value defaults to 522, the byte after the C1 byte.The path BIP-8
code is based on a bit interleaved parity calculation using even parity calculated
over all SONET synchronous payload envelope (SPE) bytes. The calculated BIP-8
code is inserted into the B3 byte of the following frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com