Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 82Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 83Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 84Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 85Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 86Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 87Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 88Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 89Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
70
CE
The Chain End (CE) bit is used by the PCI Host to
indicate the end of a linked list of TDs presented to the
LASAR-155. The linked list can contain one or more
packets as delineated using the M bit. When CE is set
to logic one, the current TD is the last TD of a linked list
of TDs. When CE is set to logic zero, the current TD is
not the last TD of a linked list. When the current TD is
not the last of the linked list, the Host Next TD
Pointer[13:0] field is valid; otherwise the field is not valid.
Note, the Chain End bit cannot be set to logic one when
the More bit is set to logic one.
CG
The Congestion (CG) bit is used by the PCI Host to
indicate whether the cells used to transmit the buffer
data described by the current TD should be used to
indicate congestion using their Payload Type Indicators
(PTIs). Note, this bit is not considered unless the CHS
bit is set to logic one.
When CG is set to logic one, all cells involved in the
transport of the current buffer will contain a PTI field
which indicates congestion. If CG is set to logic zero,
congestion is not indicated. The CG bit cannot be set to
logic one at the same time the CT[1:0] bits are set to 10
or 11. For multiple TD packets, for all TDs of the packet,
the CG bit must be consistent.
CT[1:0]
The Cell Type (CT[1:0]) bits are used by the PCI Host to
determine the cell type as defined below.
00 - AAL5 user cell
01 - Raw user cell
10 - segment OAM F5 flow cell
11 - End to end OAM F5 flow cell
When CT specifies non AAL5 user cells (i.e. 01, 10 or
11), the current TD's Packet Length must be less than or
equal to forty eight octets. The exact number depends
on the CRC type indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com