Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 37Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 38Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 39Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 40Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 41Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 42Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 43Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 44Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
25
C/BEB[0]
C/BEB[1]
C/BEB[2]
C/BEB[3]
I/O
56
39
25
7
The PCI bus command and byte enable (C/BEB[3:0])
bus contains the bus command or the byte valid
indications. During the first clock cycle of a
transaction, C/BEB[3:0] contains the bus command
code. For subsequent clock cycles, C/BEB[3:0]
identifies which bytes on the AD[31:0] bus carry
meaningful data. C/BEB[3] is associated with byte 3
(AD[31:24]) while C/BEB[0] is associated with byte 0
(AD[7:0]). When C/BEB[n] is high, the associated byte
is meaningless. When C/BEB[n] is low, the associated
byte is valid.
When the LASAR-155 is the initiator, C/BEB[3:0] are
outputs.
When the LASAR-155 is the target, C/BEB[3:0] are
inputs.
When the LASAR-155 is not involved in the current
transaction, C/BEB[3:0] are tri-stated.
C/BEB[3:0] are updated on the rising edge of PCICLK
or sampled using the rising edge of PCICLK
depending on whether they are outputs or inputs.
PAR
I/O
37
The parity (PAR) signal is the even parity calculated
over the 36 signals, AD[31:0] and C/BEB[3:0]
regardless of whether all the bytes of the AD bus are
meaningful. PAR always is the calculated parity for the
previous PCICLK cycle. Parity errors detected by the
LASAR-155 are indicated on output PERRB and in the
PCID Interrupt Status register.
When the LASAR-155 is the initiator, PAR is an output
for writes and an input for reads.
When the LASAR-155 is the target, PAR is an input for
writes and an output for reads.
When the LASAR-155 is not involved in the current
transaction, PAR is tri-stated.
PAR is updated on the rising edge of PCICLK or
sampled using the rising edge of PCICLK depending
on whether it is an output or an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com