Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 13Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 14Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 15Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 16Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 17Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 18Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 19Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 20Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
1
1
FEATURES
• Single-chip Peripheral Component Interface (PCI) Bus Local ATM Network
Interface using SONET/SDH framing at 155.52 or 51.84 Mbit/s and ATM
Adaptation Layer 5 (AAL-5).
• Implements the ATM Physical Layer according to the ATM Forum User Network
Interface Specification and ITU-TS Recommendation I.432, and the ATM
Adaptation Layer Type 5 (AAL-5) for Broadband ISDN according to ITU-TS
Recommendation I.363.
• Provides a direct interface to multimode or single mode optical modules or twisted
pair wiring (UTP-5) modules, with on-chip clock recovery and clock synthesis.
• Directly supports a 32-bit PCI bus interface for configuration, monitoring and
transfer of packet data, with an on-chip DMA controller with scatter/gather
capabilities. Other 32 bit system buses can be accommodated using external
glue logic.
• Provides an on-chip 96 cell receive buffer to accommodate up to 270 µs of PCI
Bus latency.
• Provides a optional microprocessor port with master and slave capabilities.
• Provides a SCI-PHY and Utopia compliant interface for connection to external
PHY layer devices.
• Supports simultaneous segmentation and reassembly of 128 virtual circuits (VCs)
in both transmit and receive directions.
• Provides leaky bucket peak cell rate enforcement using 8 programmable peak
queues coupled with sub peak control on a per VC basis; provides sustainable
cell rate enforcement using the programmable peak cell rate queues and per VC
token bucket averaging; and provides aggregate peak cell rate enforcement.
• Provides a generic constant bit-rate (CBR) port.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
test purposes.
• Low power, 0.6 micron, +5 Volt CMOS technology.
• 208 copper slugged plastic quad flat pack (PQFP) package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com