Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 87Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 88Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 89Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 90Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 91Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 92Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 93Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 94Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
75
9.14.6 Receive Request Machine
The receive DMA channel is controlled using the Receive Request Machine (RRM).
The RRM receives cell payloads associated with an open VC from the RALP block.
Payloads are assumed to be either management cells or part of a packet under
reassembly. For management cells, the payload is burst written into PCI Host
memory and the host is alerted. Some flexibility is provided to allow for the
accumulation of several cells before the PCI Host is alerted. For payloads of
packets under reassembly, the payload is burst written into PCI Host memory but
the PCI Host is not alerted until the complete packet has been reassembled. All
DMA burst data transfers are performed with minimum PCI Host interaction with the
aid of internal per VC storage.
For packets, PCI Host communication is provided using Receive Packet Descriptors
(RPD), a Receive Packet Descriptor Reference Small Buffer Free (RPDRSF)
Queue, a Receive Packet Descriptor Reference Large Buffer Free (RPDRLF)
Queue and a Receive Packet Descriptor Reference Ready (RPDRR) Queue. Two
free queues are provided to allow for flexible buffer sizes. For large buffers the
RPDRLF Queue and for small buffers the RPDRSF Queue. All four data structures
are located in PCI Host memory. A RPD is a thirty two byte data structure set up by
the PCI Host and used by the LASAR-155 to describe a packet or a portion of a
packet. The RPD data structure is fully described in the Receive Packet Descriptor
Section.
For management cells, PCI Host communication is provided using Receive
Management Descriptors (RMD), a Receive Management Descriptor Reference
Free (RMDRF) Queue and a Receive Management Descriptor Reference Ready
(RMDRR) Queue. All three data structures are located in PCI Host memory. A
RMD is a thirty two byte data structure set up by the PCI Host and used by the
LASAR-155 to describe a management cell. The RMD data structure is fully
described in the Receive Management Descriptor Section.
9.14.7 Receive Packet Descriptor Table
Each RPD resides in the Receive Packet Descriptor Table. The Receive Packet
Descriptor table can contain a maximum of 16384 RPDs. The base of the Receive
Packet Descriptor Table is user programmable via the PCID Rx Packet Descriptor
Table Base register. Thus, as shown below, a RPD can be located using a Receive
Packet Descriptor Reference (RPDR) combined with the PCID Rx Packet Descriptor
Table Base register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com