Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 83Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 84Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 85Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 86Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 87Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 88Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 89Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 90Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
71
CLP
The Cell Loss Priority (CLP) bit is used by the PCI Host
to control the CLP field in the cell headers used to
transport the current TD's buffer data. Note, this bit is
not considered unless the CHS bit is set to logic one.
When CLP is set to logic one, all cells involved in the
transport of the current buffer will contain a CLP field set
to logic one. If CLP is set to logic zero, all cells involved
in the transmit of the current TD's buffer data will contain
a CLP field set to logic zero. For multiple TD packets,
for all TDs of the packet, the CLP bit must be consistent.
CHS
The Cell Header Select (CHS) bit is used by the PCI
Host to select the source of the cell header fields used
to transport the current TD's buffer data. When CHS is
logic one, the CG, CT[1:0] and CLP bits in the current
TD are used to form the Payload Type Indicator (PTI)
field and the Cell Loss Priority (CLP) field in the cell
headers. When the CHS is logic zero, the default PTI
and CLP fields programmed into the Connection
Parameter Store (COPS) are used.
Note, if CT[1:0] selects AAL5 user cells (00), then CHS
must be set to logic one.
CRC[1:0]
The CRC select (CRC[1:0]) bits select whether the
CRC-32 polynomial, CRC-10 polynomial or no CRC
should be applied to the packet/cell described in the
current TD.
00 - CRC-32
01 - CRC-10
10 - No CRC
11 - No CRC
For multiple TD packets, for all TDs of the packet, the
CRC bits must be consistent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com