Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 59Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 60Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 61Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 62Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 63Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 64Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 65Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 66Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
47
9.3.2.1 Fig. 9.3 HEC Verification State Diagram
DETECTION
MODE
ATM DELINEATION
SYNC STATE
CORRECTION
MODE
No Errors Detected
In M Cells
(Pass M Cell)
Apparent Multi-Bit Error
(Drop Cell)
Errors
Detected
(Drop Cell)
No Errors
Detected
(Pass Cell)
ALPHA
consecutive
incorrect HCS's
(To HUNT state)
DELTA
consecutive
correct HCS's
(From PRESYNC
state)
Single-Bit Error
(Correct Error
and Pass Cell)
th
No Errors Detected
(Pass Cell)
In normal operation, the HEC verification state machine remains in the 'Correction
Mode' state. Incoming cells containing no HEC errors are passed for further
ATM/AAL layer processing. In addition, incoming cells with single-bit errors are
corrected and the resulting cells are passed for further ATM/AAL layer processing.
Upon detection of a single- bit error or a multi-bit error, the state machine transitions
to the 'Detection Mode' state. In this state, programmable HEC error filtering is
provided. The detection of any HEC error causes the corresponding cell to be
dropped. The state machine transitions back to the 'Correction Mode' state when M
(where M = 1, 2, 4, 8) cells are received with correct HCSs. The Mth cell is not
discarded.
Two 8-bit saturating one second HEC error event counters are provided to
accumulate correctable HEC errors and uncorrectable HEC errors. Counters are
enabled only when the RACP is in the SYNC state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com