Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 93Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 94Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 95Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 96Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 97Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 98Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 99Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 100Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
81
9.14.9 Receive Packet Descriptor Data Structure
The thirty-two byte Receive Packet Descriptor (RPD) Data Structure is used by the
LASAR-155 to describe a reassembled packet to the PCI Host. RPD's can be
linked together to form a linked list to accommodate large packets. The data
structure and the fields are described below:
9.14.9.1
Fig. 9.18 Receive Packet Descriptor
Reserved (16)
CE
Res
Next RPD Pointer [13:0]
Status [10:0]
RVC [6:0]
Reserved (5)
Data Buffer Start Address [31:0]
Receive Buffer Size [15:0]
0
Bit 31
Bytes In Buffer [15:0]
CPAAL5_PDU CRC-32 [31:0]
CPAAL5_PDU Length [15:0] / Back RPD Pointer [13:0]
First RPD Pointer [13:0]
Res (2)
Reserved (9)
CPAAL5_PDU UU [7:0]
Reserved (16)
CPAAL5_PDU CPI [7:0]
Reserved (32)
Field
Description
CE
The Chain End (CE) bit is used by the LASAR-155 to
indicate the end of a linked list of RPDs presented to the
PCI Host. When CE is set to logic 1, the current RPD is
the last RPD of a linked list of RPDs. When CE is set to
logic 0, the current RPD is not the last RPD of a linked
list. When the current RPD is not the last of the linked
list (CE=0), the Next RPD Pointer[13:0] field is valid;
otherwise the field is not valid.
Next RPD
Pointer [13:0]
The Next RPD Pointer is used to store RPDRs which
permits the LASAR-155 to support linked lists of RPDs.
As mentioned above, linked lists are terminated using
the CE bit. If CE is set to logic 1, this field is not valid.
Linked lists of RPDs are used by the LASAR-155 to
pass the PCI Host multiple RPD packets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com