Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 64 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 64 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 60Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 61Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 62Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 63Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 64Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 65Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 66Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 67Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 68Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
48
9.3.3 GFC Extraction
The four GFC bits are extracted and serialized out via output RGFC/RLD if enabled
using the UNI_POTS bit in the LASAR-155 Master Configuration register. The
updating of RGFC by particular GFC bits may be disabled through an internal
register. By default, RGFC only outputs the state of the most significant GFC bit,
thus allowing this output to be used as a XON/XOFF indication for controlled data
terminal applications. The serial link is forced low if cell delineation is lost.
9.3.4 Payload Descrambling
The self synchronous descrambler operates on the 48 byte cell payload using the
x43 + 1 polynomial. The descrambler is disabled for the duration of the header and
HEC fields, and may optionally be disabled.
9.4
Receive ATM and Adaptation Layer Cell Processor
The Receive ATM and Adaptation Layer Cell Processor (RALP) performs ATM layer
and AAL Type 5 (AAL-5) layer processing. In addition, if enabled, the RALP also
performs VC aging and non-activity termination. Please refer to the Operations
section for the ATM header fields and the AAL-5 protocol data unit structures.
9.4.1 ATM Layer Processing
ATM Layer processing includes open VC verification, cell filtering, cell copying and
CRC-10 verification. Cell filtering is the action of not passing cells to the PCI Host.
Cell copying is the action of copying cells to the Multipurpose Port. Cell filtering and
cell copying are mutually exclusive.
For every incoming cell, the RALP must verify that the VPI and VCI header fields
correspond to an open VC. Since only 128 VCs are allowed, a subset of the VPI
and VCI field bits are required to identify the VC. Selection of which VPI and VCI
bits contribute to the formation of the VPI/VCI code is programmable. If a cell
arrives and its VPI /VCI code does not identify an open VC, the cell is filtered.
Given that the incoming cell can be associated with an open VC, the RALP block
interprets the PTI fields to identify what payload is being carried. For F4 and F5
OAM cells, the CRC-10 is optionally verified using the polynomial, x10+x9+x5+x4+1.
If configured, cells can be filtered based on illegal PTI codepoints (110, 111), F5
OAM flows (100, 101), specific VPI/VCI codes (i.e. F4 OAM cells) or cells with
CRC-10 errors. Filtered cells are not passed onto the PCI Host and are
accumulated in the SAR PMON block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com