Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 63Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 64Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 65Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 66Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 67Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 68Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 69Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 70Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
51
9.7
Transmit ATM Traffic Shaper
The Transmit ATM Traffic Shaper (TATS) block provides for Variable Bit Rate (VBR)
traffic shaping. VBR traffic shaping requires each VC to conform to peak cell rate
enforcement, using peak cell rate queues, and sustainable cell rate enforcement,
using peak cell rate queues coupled with token bucket averaging. In addition a
proprietary Credit Based Rate Control (CBRC) algorithm can be applied to the
Variable Bit Rate (VBR) VCs.
9.7.1 Rate Queue Structures
The TATS block provides for eight peak cell rate queues arranged as a group of four
high priority queues and a group of four low priority queues. As part of the
provisioning process, a VC must be associated with one of the eight rate queues.
Once a VC is provisioned, packets supplied by the PCI Host are attached to the
associated rate queue as conceptually shown below. Successive packets of an
existing VC are linked to the existing packets waiting to be transmitted over the VC
in question.
To enforce fairness, rate queues are serviced in a round-robin fashion on a per
queue group basis. High priority queues are serviced in a round-robin manner
before the low priority queues. If the high priority queues consume all the available
link bandwidth, the low priority queues are allowed to starve. An indication is
provided to indicate if any queue has experienced a starvation condition. Servicing
of low priority queues is allowed to be pre-empted by high priority queues. Once the
TATS begins to service a high priority queue , the queue will be completely serviced
before another queue is serviced. For both low and high priority queues, VCs on the
same queue are serviced on a round-robin fashion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com