Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 53 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 53 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 49Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 50Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 51Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 52Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 53Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 54Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 55Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 56Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 57Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
37
VDD_AC1
VDD_AC2
VDD_AC3
VDD_AC4
VDD_AC5
VDD_AC6
VDD_AC7
VDD_AC8
VDD_AC9
VDD_AC10
VDD_AC11
VDD_AC12
VDD_AC13
VDD_AC14
VDD_AC15
VDD_AC16
Power
4
11
17
22
38
43
48
55
60
65
82
98
133
183
202
207
The pad ring power pins should be connected to a well
decoupled +5 V DC in common with VDD_DC
VSS_AC1
VSS_AC2
VSS_AC3
VSS_AC4
VSS_AC5
VSS_AC6
VSS_AC7
VSS_AC8
VSS_AC9
VSS_AC10
VSS_AC11
VSS_AC12
VSS_AC13
VSS_AC14
VSS_AC15
VSS_AC16
Ground
3
8
16
21
26
42
47
52
59
64
69
78
94
134
184
206
The pad ring ground pins should be connected to GND
in common with VSS_DC.
TXVDD
Power
123
The transmit pad power (TXVDD) supplies the TXC
and TXD+/- outputs. TXVDD is physically isolated from
the other device power pins and should be a clean,
well decoupled +5 V supply to minimize the noise
coupled into the transmit stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com