Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 85 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 85 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 81Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 82Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 83Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 84Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 85Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 86Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 87Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 88Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 89Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
69
9.14.5 Transmit Descriptor Data Structure
The thirty-two byte Transmit Descriptor Data Structure is used by the PCI Host to
describe a packet or portion of a packet to the PCID's TRM. The data structure and
the fields are described below:
9.14.5.1
Fig. 9.13 Transmit Descriptor
M CE
CT[1:0]
CG
CHS CRC[1:0]
IOC
CLP
Reserved (9)
TVC[6:0]
Packet Length [15:0]
Transmit Buffer Size [15:0]
Data Buffer Start Address [31:0]
Host Next TD Pointer [13:0]
Res (2)
Res
PCID Next TD Pointer [13:0]
Reserved (16)
Reserved (32)
Reserved (32)
Bit 31
CPAAL5_PDU UU[7:0]
CPAAL5_PDU CPI[7:0]
Unused
V
30 29 28 27 26
25
24
23
22
16
17
15
0
Reserved (6)
Field
Description
M
The More (M) bit is used by the PCI Host to support
packets that require multiple Transmit Descriptors (TDs).
If M is set to logic one, the LASAR-155 assumes that
the current TD is just one of several TDs for the current
packet. If M is set to logic zero, the LASAR-155
assumes that this TD describes the entire packet for the
single TD packet case or describes the end of a packet
for the multiple TD packet case.
Note, the More bit cannot be set to logic one when the
Chain End bit is set to logic one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com