Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 9Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 10Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 11Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 12Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 13Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 14Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 15Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 16Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
xi
10.4.41 REGISTER 0X3A8: PCID TX DESCRIPTOR REFERENCE LOW PRIORITY
READY QUEUE READ....................................................................................298
10.4.42 REGISTER 0X3AC: PCID TX DESCRIPTOR REFERENCE LOW PRIORITY
READY QUEUE END ......................................................................................299
10.4.43 REGISTER 0X3B0: PCID MAX TX SDU LENGTH..........................................300
10.4.44 REGISTER 0X3B4: PCID RAS AND TAS FIFO POINTERS ...........................301
10.4.45 REGISTER 0X3C8: PCID RAM INDIRECT CONTROL ..................................303
10.4.46 REGISTER 0X3CC: PCID RAM INDIRECT DATA LOW WORD......................305
10.4.47 REGISTER 0X3D0: PCID RAM INDIRECT DATA HIGH WORD .....................306
10.4.48 REGISTER 0X3D4: PCID HOST WRITE MAILBOX CONTROL .....................307
10.4.49 REGISTER 0X3D8: PCID HOST WRITE MAILBOX DATA ..............................308
10.4.50 REGISTER 0X3E0: PCID HOST READ MAILBOX CONTROL .......................309
10.4.51 REGISTER 0X3E4: PCID HOST READ MAILBOX DATA................................310
11
PCI CONFIGURATION REGISTER DESCRIPTIONS .................................................................311
11.1.1
PCI CONFIGURATION REGISTER MEMORY MAP ......................................311
11.1.2
REGISTER 0X00 (0X00): VENDOR IDENTIFICATION / DEVICE
IDENTIFICATION ............................................................................................312
11.1.3
REGISTER 0X01 (0X04): COMMAND / STATUS ............................................313
11.1.4
REGISTER 0X02 (0X08): REVISION IDENTIFIER / CLASS CODE ...............317
11.1.5
REGISTER 0X03 (0X0C): CACHE LINE SIZE / LATENCY TIMER / BIST /
HEADER TYPE ...............................................................................................318
11.1.6
REGISTER 0X04 (0X10): LASAR-155 MEMORY BASE ADDRESS REGISTER
........................................................................................................................319
11.1.7
REGISTER 0X05 (0X14): EXTERNAL DEVICE MEMORY BASE ADDRESS
REGISTER......................................................................................................321
11.1.8
REGISTER 0X0C (0X30): EXPANSION ROM BASE ADDRESS ....................323
11.1.9
REGISTER 0X0F (0X3C): INTERRUPT LINES / INTERRUPT PINS / MIN_GNT /
MAX_LAT ........................................................................................................324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com