Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 32 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 32 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 28Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 29Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 30Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 31Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 32Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 33Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 34Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 35Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 36Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
16
TCP/
TLDCLK
Output
112
The TGFC/TLDCLK output is a dual function output
controlled using the UNI_POTS bit in the LASAR-155
Master Configuration register.
When the UNI_POTS bit is low, the transmit cell pulse
(TCP) indicates where the valid TGFC serial bits are
expected. If TCP is asserted high, the most significant
GFC bit is expected in the subsequent TCLK period.
TCP pulses high for one TCLK for every transmitted
cell. TCP is updated on the rising edge of TCLK.
When the UNI_POTS bit is high, the transmit line DCC
clock (TLDCLK) is a 576 kHz clock used to sample the
TLD input. TLDCLK is generated by gapping a
2.16 MHz clock.
XOFF
Input
114
The transmit off (XOFF) signal can be used to control
the transmission of user cells. When XOFF is asserted
high, the LASAR-155 is prohibited from transmitting
user cells. Under this operating condition, the
LASAR-155 can only transmit Idle/Unassigned cells.
When XOFF is low, the LASAR-155 operates normally.
XOFF is sampled on the rising edge of TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com