Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 83 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 83 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 79Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 80Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 81Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 82Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 83Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 84Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 85Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 86Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 87Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
67
Each queue element is a sixteen bit structure consisting of a TDR and several
Status bits. Status bits are used by the TRM to inform the PCI Host on the success
of packet segmentation. Please refer below.
9.14.4.2
Fig. 9.11 TDRF Queue Elements
TDR[13:0]
STATUS[1:0]
Bit 0
Bit 15
Status
Descriptor
00
Segmentation successful, last/only buffer of packet.
01
Segmentation successful, buffer of partial packet.
1x
Segmentation failed due to unprovisioned VC or Max
SDU error.
If transmission of a packet over an unprovisioned VC or transmission of an
oversized SDU packet is attempted, the TRM will abort transmission before the first
cells has been transmitted and will attach the packet's TDR to the TDRF Queue with
the segmentation failed status. In addition if a VC is unprovisioned and it is currently
segmenting a packet, the current TDR of the packet will be returned with a
segmentation failed status. Note, only the first TDR of the linked list of TDRs is
attached to the TDRF Queue. The PCI Host can follow the Host Next TD Pointer
and the PCID Next TD Pointer in the TD to recover all the buffers associated with
the packet. Please refer to the Transmit Descriptor section for a detailed description
of these pointers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com