Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 72Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 73Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 74Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 75Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 76Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 77Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 78Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 79Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
60
DMA requests are always serviced before transmit DMA requests. Selection can be
made by the user.
In the transmit direction, an eight cell queue is provided to allow prefetching of
transmit cells to account for PCI bus latency. In the receive direction, a 96 cell
queue is provided to allow for a 270 µs PCI bus latency.
9.14.1 PCI Interface and Mailbox
The LASAR-155 provides a PCI Local Bus Specifications Version 2.1 (PCID)
interface. When operating as the target, the PCI Interface provides access to the
LASAR-155 registers to configure the LASAR-155, monitor the LASAR-155 and to
control the DMA queues. Register access is described in the microprocessor and
PCI Host Register Memory Map Section below.
A mailbox scheme is provided to allow the PCI Host to communicate with an
external microprocessor. Two 64 word buffers with associated semaphores are
provided. One buffer is used for PCI Host to microprocessor communication while
the other buffer is used for microprocessor to PCI Host communication. The data
transfer format is implementation specific.
When the local microprocessor is present in the system, as indicated when the
MPENB pin is sampled low, the PCI Host can only access dedicated registers. The
base of the LASAR-155's internal address space is set via the LASAR-155 Memory
Base Address register in the PCI Configuration memory space. The maximum size
of the memory space is 4K Bytes. If the PCI Host wishes to access any registers
controlled by the local microprocessor it must do so via the mailbox.
When the local microprocessor is not present, the PCI Host has direct access to all
registers in the LASAR-155. In addition the PCI Host can access an Expansion
EPROM and external devices via the LASAR-155 Local Bus. The base of the
LASAR-155's internal address space is set via the LASAR-155 Memory Base
Address register in the PCI Configuration memory space. The maximum size of the
memory space is 4K Bytes. The Expansion EPROM space is set by the Expansion
ROM Base Address Register in the PCI Configuration memory space. The
maximum size of the memory space is 64K Bytes. The External device space is 16K
Bytes maximum and is located using the External Device Memory Base Address
register in the PCI Configuration memory space. The LASAR-155's PCI address
map is shown below.
Note, both the LASAR-155 Memory and External Device Memory is DWORD and
Word accessible only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com