Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 35 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 35 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 31Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 32Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 33Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 34Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 35Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 36Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 37Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 38Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 39Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
19
RDAT[0]
RDAT[1]
RDAT[2]
RDAT[3]
RDAT[4]
RDAT[5]
RDAT[6]
RDAT[7]
I/O
106
105
104
103
102
101
100
99
The receive cell data (RDAT[7:0]) bus' function is
configured using input RXPHYBP.
When RXPHYBP is set high, the RDAT[7:0] signals
become inputs and are expected to carry the ATM cell
octets that are read from an external FIFO associated
with an external physical layer device. For this mode
of operation, RDAT[7:0] is sampled using the rising
edge of SYSCLK.
When RXPHYBP is set low, the RDAT[7:0] signals
become outputs and carry ATM cell octets marked for
this output port. For this mode of operation,
RDAT[7:0] is updated on the rising edge of SYSCLK.
RFIFOEB
RFIFOFB
Input
93
When RXPHYBP is set high, the active low receive
FIFO empty (RFIFOEB) signal indicates when a byte is
available to be read from an external FIFO. When
sampled high, RFIFOEB indicates that at least one
byte can be read. When sampled low, RFIFOEB
indicates that there are no bytes to be read. In this
mode of operation, RFIFOEB is sampled using the
rising edge of SYSCLK.
When RXPHYBP is set low, the active low receive
FIFO full (RFIFOFB) signal indicates when a byte can
be written to an external FIFO. When sampled high,
RFIFOFB indicates that at least one byte can be
written. When sampled low, RFIFOFB indicates that
the external FIFO is full and can accept no more
writes. In this mode of operation, RFIFOFB is
sampled using the rising edge of SYSCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com