Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 67Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 68Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 69Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 70Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 71Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 72Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 73Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 74Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
55
9.10
Transmit Transmitter and Overhead Processor
The Transmit Transmitter and Overhead Processor block inserts all path, line and
section overhead bytes in the outgoing STS-3c (STM-1) or STS-1 SONET/SDH
stream. Section, line and path overhead processing is performed using the
Transmit Section Overhead, Transmit Line Overhead and the Transmit Path
Overhead Processors as described below.
9.10.1 Transmit Section Overhead Processor
The Transmit Section Overhead Processor (TSOP) provides frame pattern insertion
(A1, A2), section BIP-8 (B1) insertion, scrambling and section level alarm signal
insertion. The default section overhead bytes inserted by the TSOP are shown in
the STS-3c (STM-1) Default Transport Overhead Values figure below.
The section BIP-8 code is based on a bit interleaved parity calculation using even
parity calculated over all SONET frame bytes. The calculated BIP-8 code is inserted
into the B1 byte of the following frame before scrambling.
Scrambling is performed using the generating polynomial 1 + x6 + x7. All bytes of
the SONET frame are scrambled except the framing bytes (A1, A2) and the identity
bytes (C1).
For alarm assertion and diagnostics, line AIS can be forced, all zeros may be
continuously inserted after scrambling (LOS) and BIP-8 errors may be continuously
inserted.
9.10.2 Transmit Line Overhead Processor
The Transmit Line Overhead Processor (TLOP) provides line level alarm signal
insertion and line BIP-8/24 insertion (B2). The default line overhead bytes inserted
by the TLOP are shown in the STS-3c (STM-1) Default Transport Overhead Values
figure below.
The line BIP-8/24 code is based on a bit interleaved parity calculation using even
parity calculated over all SONET frame bytes except the section overhead bytes.
The calculated BIP-8/24 code is inserted into the B2 byte(s) of the following frame.
For alarm assertion and diagnostics, line FERF can be forced (K2), line FEBE can
be automatically accumulated and inserted (Z2) and BIP-8/24 errors may be
continuously inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com