Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7375-SC Datasheet(PDF) 75 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 75 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 71Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 72Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 73Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 74Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 75Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 76Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 77Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 78Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 79Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
59
9.12.1 Clock Synthesis
The transmit clock may be synthesized from a 19.44 MHz or 6.48 MHz reference.
The phase lock loop filter transfer function is optimized to enable the PLL to track
the reference, yet attenuate high frequency jitter on the reference signal. This
transfer function yields a typical low pass corner of 1 MHz, above which reference
jitter is attenuated at 3 dB per octave. The design of the loop filter and PLL is
optimized for minimum intrinsic jitter. With a jitter free reference, the intrinsic jitter is
typically less than 0.01 UI RMS when measured using a high pass filter with a 12
kHz cutoff frequency.
9.12.2 Parallel to Serial Converter
The Parallel to Serial Converter (PISO) converts the internal byte serial stream to a
bit serial stream.
9.13
JTAG Test Access Port Interface
The JTAG Test Access Port block provides JTAG support for boundary scan. The
standard JTAG EXTEST, SAMPLE, BYPASS, IDCODE and STCTEST instructions
are supported. The LASAR-155 identification code is 073750CD hexadecimal.
9.14
PCI DMA Controller Interface
The PCI DMA Controller (PCID) block provides an interface to the PCI Local Bus to
facilitate data transfer to and from the LASAR-155. When the LASAR-155 is the
initiator, the PCID uses burst DMA cycles to read or write data on the PCI Bus which
minimizes PCI Host bus traffic. When the LASAR-155 is the target, the PCID allows
the PCI Host to access the LASAR-155's internal registers, to communicate with the
microprocessor or to access external devices when the microprocessor is not
present. Communication with an optional microprocessor is facilitated using a
mailbox scheme.
The PCID block provides two transmit and two receive DMA channels to move
packets to and from the LASAR-155. The receive DMA channels are divided into
management data and packet data channels. The transmit DMA channels are
divided into high priority and low priority channels. The DMA channels support
scatter/gather buffer manipulation to allow for flexible and independent operation
with the PCI Host.
The PCID services the four DMA channels using either a round-robin scheme or a
receive priority scheme. For the round-robin scheme, simultaneous DMA requests
are serviced in a fair rotational manner. For the receive priority scheme, receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com