Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 28 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 24Page - Texas Instruments TUSB2E221 Datasheet HTML 25Page - Texas Instruments TUSB2E221 Datasheet HTML 26Page - Texas Instruments TUSB2E221 Datasheet HTML 27Page - Texas Instruments TUSB2E221 Datasheet HTML 28Page - Texas Instruments TUSB2E221 Datasheet HTML 29Page - Texas Instruments TUSB2E221 Datasheet HTML 30Page - Texas Instruments TUSB2E221 Datasheet HTML 31Page - Texas Instruments TUSB2E221 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
Note
Frame based low power mode is enabled by default. If using TUSB2E221 in pin-strap mode, this
feature can not be disabled. Contact support if a device variant with frame based low power mode
disabled in pin-strap mode is needed.
8.5 Programming
8.5.1 I2C Target Interface
I2C target interface enables access to internal registers by the system application processor. The primary
function of the interface is to enable configuring various PHY parameters, controlling the GPIO pins, and
enabling USB-BC functions. The TUSB2E221 repeater functions operates after power up without requiring I2C
configuration.
The TUSB2E221 has I2C 7-bit target address of 0x4F. 8-bit address of Write: 0x9E and Read: 0x9F.
I2C default target address can be changed at the factory through one-time programming.
I2C drive strength can be changed through the I2C.
Table 8-5. Recommended I2C Drive Strength for I2C Bus Speed, Bus Pullup and Bus Capacitance
I2C FM+ (1MHz Max)
I2C drive strength (IOL) selection
I2C bus pullup RPU
C(bus) pF
1kΩ
2.2kΩ
4kΩ
7kΩ
10-50
≅8mA
≅4mA
N/A
N/A
10-90
≅8mA
N/A
N/A
N/A
10-150
N/A
N/A
N/A
N/A
10-200
N/A
N/A
N/A
N/A
I2C FM (400kHz Max)
I2C drive strength (IOL) selection
I2C bus pullup RPU
C(bus) pF
1kΩ
2.2kΩ
4kΩ
7kΩ
10-50
≅8mA
≅4mA
≅2mA
N/A
10-90
≅8mA
≅4mA
N/A
N/A
10-150
≅8mA
≅8mA
N/A
N/A
10-200
≅8mA
N/A
N/A
N/A
I2C STD (100kHz Max)
I2C drive strength (IOL) selection
I2C bus pullup RPU
C(bus) pF
1kΩ
2.2kΩ
4kΩ
7kΩ
10-50
≅8mA
≅4mA
≅2mA
≅1mA
10-90
≅8mA
≅4mA
≅2mA
≅1mA
10-150
≅8mA
≅4mA
≅2mA
≅2mA
10-200
≅8mA
≅4mA
≅2mA
≅2mA
Figure 8-5. I2C Write with Data
Use this procedure to write data to TUSB2E221 I2C registers (refer to Figure 8-5):
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com