Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 7Page - Texas Instruments TUSB2E221 Datasheet HTML 8Page - Texas Instruments TUSB2E221 Datasheet HTML 9Page - Texas Instruments TUSB2E221 Datasheet HTML 10Page - Texas Instruments TUSB2E221 Datasheet HTML 11Page - Texas Instruments TUSB2E221 Datasheet HTML 12Page - Texas Instruments TUSB2E221 Datasheet HTML 13Page - Texas Instruments TUSB2E221 Datasheet HTML 14Page - Texas Instruments TUSB2E221 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PDisabled
Disabled
Device powered, I2C/GPIO interfaces
functional but idle, both repeaters
are disabled put into their lowest
power state and non-functional.
TA=25℃, (DP/DN Voltage ≤ VDD3V3).
100
µW
PDetach_1
USB unconnected - One Repeater
I2C/GPIO interfaces idle, one repeater is
disabled and one repeater is connected
to a eUSB PHY and waiting for a USB
attach event. TA = 25℃, (DP/DN Voltage
≤ VDD3V3)
100
µW
PDetach_2
USB unconnected - Two Repeater
I2C/GPIO interfaces idle, both repeaters
connected to a eUSB PHY and waiting
for a USB attach event. TA = 25℃,
(DP/DN Voltage ≤ VDD3V3)
150
µW
PSuspend_2
L2 Suspend
I2C/GPIO interfaces idle, USB link is
in L2, both repeaters monitoring for a
resume/remote wake event. TA = 25℃,
(DP/DN Voltage ≤ VDD3V3)
150
µW
PSleep_2
L1 Sleep Psleep_2
I2C/GPIO interfaces idle, both repeaters
are supporting a USB connection, USB
link is in L1, both repeaters monitoring
for a L1 exit event. TA = 25℃, (DP/DN
Voltage ≤ VDD3V3)
6
mW
PLS_Active_1
Low Speed Active - One Repeater
I2C/GPIO interfaces idle, one repeater
is disabled, other repeater in LS mode,
maximum transition density. TA = 85℃.
52
mW
PFS_Active_1
Full Speed Active - One Repeater
I2C/GPIO interfaces idle, one repeater
is disabled, one repeater in FS mode,
maximum transition density. TA = 85℃.
52
mW
PFS_Active_2
Full Speed Active - Two Repeater
I2C/GPIO interfaces idle, Both repeaters
in FS mode, maximum transition density.
TA = 85℃.
68
mW
DIGITAL INPUTS
VIH
High level input voltage
CROSS, EQ0, EQ1 (1.2V input mode,
VIOSEL=VSS)
0.702
V
VIH
High level input voltage
CROSS, EQ0, EQ1 (1.8V input mode,
VIOSEL=VDD1V8)
1.053
V
VIL
Low-level input voltage
CROSS, EQ0, EQ1 (1.2V input mode,
VIOSEL=VSS)
0.462
V
VIL
Low-level input voltage
CROSS, EQ0, EQ1 (1.8V input mode,
VIOSEL=VDD1V8)
0.693
V
VIL
Low-level input voltage
VIOSEL (1.8V input)
0.613
V
VIH
High level input voltage
VIOSEL (1.8V input)
1.053
V
VIL
Low-level input voltage
RESETB (1.2V or 1.8V input mode)
0.35
V
VIH
High level input voltage
RESETB (1.2V or 1.8V input mode)
0.75
V
IIH
High level input current
VIH = 1.98V, VDD3V3=3.0V or 0V,
VDD1V8=1.62V or 0V
CROSS, RESETB, EQ0, EQ1
0.5
µA
IIL
Low level input current
VIL = 0V, VDD3V3=3.0V or 0V,
VDD1V8=1.62V or 0V
CROSS, RESETB, EQ0, EQ1
0.5
µA
DIGITAL OUTPUTS
VOH
High level output voltage
EQ0, EQ11, EQ2/INT, push-pull I/O
mode (IOH = 20µA and maximum 3pF
Cload) (1.2V output mode)
0.81
V
www.ti.com
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com