Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 37 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 33Page - Texas Instruments TUSB2E221 Datasheet HTML 34Page - Texas Instruments TUSB2E221 Datasheet HTML 35Page - Texas Instruments TUSB2E221 Datasheet HTML 36Page - Texas Instruments TUSB2E221 Datasheet HTML 37Page - Texas Instruments TUSB2E221 Datasheet HTML 38Page - Texas Instruments TUSB2E221 Datasheet HTML 39Page - Texas Instruments TUSB2E221 Datasheet HTML 40Page - Texas Instruments TUSB2E221 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
Hardware default value can be overridden through factory programmable OTP for this register.
Table 9-9. U_DISCONNECT_SQUELCH_PORT0 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
7-4
U_DISCONNECT_THR
ESHOLD_P0
RH/W
7h
Y
VHSDSC Adjustment
USB Minimum HS HOST Disconnect Threshold
(0% to +57% in ~3.7% steps)
Default through OTP
0h = 525mV (minimum), 0% (hw default)
1h = 545mV (minimum), +4%
2h = 565mV (minimum), +8%
3h = 585mV (minimum), +11%
4h = 605mV (minimum), +15%
5h = 625mV (minimum), +19%
6h = 645mV (minimum), +23%
7h = 665mV (minimum), +27%
8h = 685mV (minimum), +31%
9h = 705mV (minimum), +34%
Ah = 725mV (minimum), +38%
Bh = 745mV (minimum), +42%
Ch = 765mV (minimum), +46%
Dh = 785mV (minimum), +50%
Eh = 805mV (minimum), +53%
Fh = 825mV (minimum), +57%
3
RESERVED
RH/W
0h
Reserved
2-0
U_SQUELCH_THRESH
OLD_P0
RH/W
4h
Y
VHSSQ Adjustment
USB Squelch Detection Min Threshold (+30% to -15% in
~6.5% steps)
Default through OTP
0h = 130mV (minimum), +30%
1h = 124mV (minimum), +24%
2h = 117mV (minimum), +17%
3h = 111mV (minimum), +11%
4h = 104mV (minimum), +4% (hw default)
5h = 98mV (minimum), -2%
6h = 91mV (minimum), -9%
7h = 85mV (minimum), -15%
9.1.8 E_HS_TX_PRE_EMPHASIS_P0 Register (Offset = 37h) [Reset = 40h]
E_HS_TX_PRE_EMPHASIS_P0 is shown in Table 9-10.
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
Table 9-10. E_HS_TX_PRE_EMPHASIS_P0 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
7-5
E_HS_TX_PRE_EMPH
ASIS_P0
RH/W
2h
Y
E_TXPE adjustment
eUSB2 HS TX Pre-emphasis 0dB-3.86dB
Default through OTP
0h = 0dB (typical) (hw default)
1h = 0.67dB (typical)
2h = 1.29dB (typical)
3h = 1.87dB (typical)
4h = 2.41dB (typical)
5h = 2.92dB (typical)
6h = 3.41dB (typical)
7h = 3.86dB (typical)
www.ti.com
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com