Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 20Page - Texas Instruments TUSB2E221 Datasheet HTML 21Page - Texas Instruments TUSB2E221 Datasheet HTML 22Page - Texas Instruments TUSB2E221 Datasheet HTML 23Page - Texas Instruments TUSB2E221 Datasheet HTML 24Page - Texas Instruments TUSB2E221 Datasheet HTML 25Page - Texas Instruments TUSB2E221 Datasheet HTML 26Page - Texas Instruments TUSB2E221 Datasheet HTML 27Page - Texas Instruments TUSB2E221 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
8.4.4 Auto-Resume ECR
Optional host repeater auto-resume is supported by the TUSB2E221 in L1/L2 by driving Resume K at D+/D- until
SOResume is received from eDSPr. In addition, the TUSB2E221 eUSPh will hold Remote Wake line state until
SORresume is received from eDSPr.
This auto-resume feature provides the host controller extra time to exit low power state and issue SOResume
while the TUSB2E221 UDSP drives resume within 1ms (TURSM) hub resume timing requirement. To take
advantage of this low power feature, the host controller implements low power mechanism to detect wake on
eDSPr lines while host controller is in low power state.
This auto-resume feature is not required if host controller is capable of initiating SOResume within 1ms of
detecting Remote Wake on eDSPr.
This auto-resume ECR mode is disabled when L2 interrupt mode is enabled. When L2 interrupt mode is
enabled, resume K at D+/D- is still driven when Remote wake is detected on UDSP but eUSPh is held at SE0
instead of in Remote Wake state. See the L2 State Interrupt Modes section for more details.
Figure 8-1. Timing Diagram for Auto-Resume for HS/FS
8.4.5 L2 State Interrupt Modes
To prevent signaling on eUSB2 while the eDSP is powered off, enable both L2 remote wake interrupt and
disconnect event interrupt modes. The special remote wake sequence when L2 remote wake interrupt mode is
enabled.
• System enables interrupt USB_REMOTE_WAKE_Px.
• Repeater is in host mode and has received a CM.L2.
• Repeater detects wake on USB 2.0
• Repeater asserts interrupt.
• Repeater reflects resume on USB 2.0, but does not signal wake on eUSB2.
• Repeater waits for eDSPr to signal start of resume with no intervening configuration, connect, or reset
sequence.
• Repeater and eDSP follow normal eUSB2 protocol to signal resume starting and ending in L0.
Figure 8-2. Timing Diagram for Wake Interrupt for HS/FS
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com