Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 27 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 23Page - Texas Instruments TUSB2E221 Datasheet HTML 24Page - Texas Instruments TUSB2E221 Datasheet HTML 25Page - Texas Instruments TUSB2E221 Datasheet HTML 26Page - Texas Instruments TUSB2E221 Datasheet HTML 27Page - Texas Instruments TUSB2E221 Datasheet HTML 28Page - Texas Instruments TUSB2E221 Datasheet HTML 29Page - Texas Instruments TUSB2E221 Datasheet HTML 30Page - Texas Instruments TUSB2E221 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
Table 8-2. eUSB2 to USB Mapping
CROSS = 0
CROSS = 1
eUSB0 (eDP0, eDN0)
USBA (DPA, DNA)
USBB (DPB, DNB)
eUSB1 (eDP1, eDN1)
USBB (DPB, DNB)
USBA (DPA, DNA)
8.4.9 USB 2.0 High-Speed HOST Disconnect Detection
USB 2.0 specification does not specify high-speed output differential swing VOD during disconnect without
external load. Only chirp level and HS host disconnect threshold are specified. Specification implicitly assumes
high-speed output differential swing VOD will double during disconnect. However, the high-speed output
differential swing during disconnect depends on the USB 2.0 TX output swing and pre-emphasis setting, as
the common-mode voltage increase can saturate the output swing level and may not double.
The high-speed host disconnect threshold can be adjusted to provide the most margin to avoid false disconnect
as well as failure to detect a disconnect. See Table 8-3.
Table 8-3. Recommended USB 2.0 High-Speed HOST Disconnect Thresholds per USB HSTX Amplitude
and Pre-Emphasis
USB HS TX Pre-Emphasis
USB HS TX
Amplitude (Vp-p)
0.5dB (0h)
0.9dB (1h)
1.2dB (2h)
1.7dB (3h)
2.1dB (4h)
2.5dB (5h)
740mV (0h )
545mV (1h)
545mV (1h)
545mV (1h)
545mV (1h)
545mV (1h)
545mV (1h)
760mV (1h )
565mV (2h)
565mV (2h)
565mV (2h)
565mV (2h)
565mV (2h)
565mV (2h)
780mV (2h )
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
800mV (3h )
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
585mV (3h)
820mV (4h )
605mV (4h)
605mV (4h)
605mV (4h)
605mV (4h)
605mV (4h)
605mV (4h)
840mV (5h )
625mV (5h)
625mV (5h)
625mV (5h)
625mV (5h)
625mV (5h)
625mV (5h)
860mV (6h )
645mV (6h)
645mV (6h)
645mV (6h)
645mV (6h)
625mV (5h)
625mV (5h)
880mV (7h )
645mV (6h)
645mV (6h)
645mV (6h)
645mV (6h)
645mV (6h)
645mV (6h)
900mV (8h )
665mV (7h)
665mV (7h)
665mV (7h)
665mV (7h)
665mV (7h)
645mV (6h)
920mV (9h )
685mV (8h)
685mV (8h)
685mV (8h)
665mV (7h)
665mV (7h)
665mV (7h)
940mV (Ah )
685mV (8h)
685mV (8h)
685mV (8h)
685mV (8h)
665mV (7h)
665mV (7h)
960mV (Bh )
705mV (9h)
705mV (9h)
705mV (9h)
685mV (8h)
685mV (8h)
665mV (7h)
980mV (Ch )
725mV (Ah)
705mV (9h)
705mV (9h)
705mV (9h)
685mV (8h)
685mV (8h)
1000mV (Dh )
725mV (Ah)
725mV (Ah)
705mV (9h)
705mV (9h)
685mV (8h)
685mV (8h)
1020mV (Eh )
725mV (Ah)
725mV (Ah)
725mV (Ah)
705mV (9h)
705mV (9h)
685mV (8h)
1040mV (Fh )
745mV (Bh)
725mV (Ah)
725mV (Ah)
705mV (9h)
705mV (9h)
685mV (8h)
8.4.10 Frame Based Low Power Mode
The USB2.0 standard defines high-speed microframes that occur every 125μs. Using a patented design, the
TUSB2E221 monitors idle conditions within every high-speed microframe. The TUSB2E221 will enter a low
power state if the bus is idle for greater than 7.8125μs and will remain in the low power state until the start of
the next μSOF. This feature is enabled by default and can be disabled by clearing HOST_FRAME_LP_EN_Px or
DEVICE_FRAME_LP_EN_Px bits.
Table 8-4 shows an example of the typical high-speed idle power the TUSB2E221 consumes based on whether
or not the frame based low power is enabled. These results assume the TUSB2E221 is in host repeater mode.
Table 8-4. Typical Single Port High-Speed Idle Power for Frame Base LP Mode
HOST_FRAME_LP_EN_Px
1.8V current (mA)
3.3V current (mA)
0 (Disabled)
56
2.8
1 (Enabled)
12
2.0
www.ti.com
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com