Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 38 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 34Page - Texas Instruments TUSB2E221 Datasheet HTML 35Page - Texas Instruments TUSB2E221 Datasheet HTML 36Page - Texas Instruments TUSB2E221 Datasheet HTML 37Page - Texas Instruments TUSB2E221 Datasheet HTML 38Page - Texas Instruments TUSB2E221 Datasheet HTML 39Page - Texas Instruments TUSB2E221 Datasheet HTML 40Page - Texas Instruments TUSB2E221 Datasheet HTML 41Page - Texas Instruments TUSB2E221 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
Table 9-10. E_HS_TX_PRE_EMPHASIS_P0 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
4-3
E_HS_TX_PE_WIDTH_
P0
RH/W
0h
Y
E_TXPE_UI adjustment
eUSB2 HS TX Pre-emphasis Width
Default through OTP
0h = 0.35 UI (typical) (hw default)
1h = 0.45 UI (typical)
2h = 0.55 UI (typical)
3h = 0.65 UI (typical)
2
RESERVED
RH/W
0h
Reserved
1
RESERVED
RH/W
0h
Reserved
0
RESERVED
R
0h
9.1.9 E_TX_ADJUST_PORT0 Register (Offset = 38h) [Reset = 0Ch]
E_TX_ADJUST_PORT0 is shown in Table 9-11.
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
Table 9-11. E_TX_ADJUST_PORT0 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
7-6
RESERVED
RH/W
0h
Reserved
5
RESERVED
RH/W
0h
Reserved
4-3
E_HS_TX_SLEW_RAT
E_P0
RH/W
1h
Y
TEHSRF Adjustment
eUSB2 HS TX Slew Rate 390ps - 540ps
Default through OTP
0h = 390ps (typical)
1h = 440ps (typical) (hw default)
2h = 490ps (typical)
3h = 540ps (typical)
2-0
E_HS_TX_AMPLITUDE
_P0
RH/W
4h
Y
VEHSOD Adjustment
eUSB2 HS TX Amplitude 360mV to 500mV (p-2-p)
Default through OTP
0h = 360mV (typical)
1h = 380mV (typical)
2h = 400mV (typical)
3h = 420mV (typical) (hw default)
4h = 440mV (typical)
5h = 460mV (typical)
6h = 480mV (typical)
7h = 500mV (typical)
9.1.10 E_RX_ADJUST_PORT0 Register (Offset = 39h) [Reset = 62h]
E_RX_ADJUST_PORT0 is shown in Table 9-12.
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
38
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com