Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 46 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 42Page - Texas Instruments TUSB2E221 Datasheet HTML 43Page - Texas Instruments TUSB2E221 Datasheet HTML 44Page - Texas Instruments TUSB2E221 Datasheet HTML 45Page - Texas Instruments TUSB2E221 Datasheet HTML 46Page - Texas Instruments TUSB2E221 Datasheet HTML 47Page - Texas Instruments TUSB2E221 Datasheet HTML 48Page - Texas Instruments TUSB2E221 Datasheet HTML 49Page - Texas Instruments TUSB2E221 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
Table 9-22. E_RX_ADJUST_PORT1 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
7
RESERVED
RH/W
0h
Reserved
6-4
E_SQUELCH_THRESH
OLD_P1
RH/W
6h
Y
VEHSSQ Adjustment
eUSB2 HS Squelch Detection Threshold
Default through OTP
0h = 104mV (typical)
1h = 101mV (typical)
2h = 98mV (typical)
3h = 90mV (typical)
4h = 81mV (typical)
5h = 73mV (typical)
6h = 67mV (typical) (hw default)
7h = 60mV (typical)
3-0
E_EQ_P1
RH/W
2h
Y
EQ_EHS Adjustment
eUSB2 RX Equalizer Control
Default through OTP
0h = 0.34dB (typical) (hw default)
1h = 0.71dB (typical)
2h = 1.02dB (typical)
3h = 1.36dB (typical)
4h = 1.64dB (typical)
5h = 1.94dB (typical)
6h = 2.19dB (typical)
7h = 2.45dB (typical)
8h = 2.69dB (typical)
9h = 2.93dB (typical)
Ah = 3.13dB (typical)
Bh = 3.35dB (typical)
Ch = 3.53dB (typical)
Dh = 3.72dB (typical)
Eh = 3.89dB (typical)
Fh = 4.07dB (typical)
9.1.21 INT_STATUS_1 Register (Offset = A3h) [Reset = 00h]
INT_STATUS_1 is shown in Table 9-23.
Return to the Summary Table.
Table 9-23. INT_STATUS_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
INT_GPIO1_RISING_ED
GE
R/W1C
0h
GPIO1 Rising Edge enable
0h = No Interrupt
1h = Interrupt
6
INT_GPIO1_FALLING_ED
GE
R/W1C
0h
GPIO1 Falling Edge enable
0h = No Interrupt
1h = Interrupt
5
INT_GPIO0_RISING_ED
GE
R/W1C
0h
GPIO0 Rising Edge enable
0h = No Interrupt
1h = Interrupt
4
INT_GPIO0_FALLING_ED
GE
R/W1C
0h
GPIO0 Falling Edge enable
0h = No Interrupt
1h = Interrupt
3
INT_USB_REMOTE_WAK
E_P1
R/W1C
0h
Remote Wake Event Detect on USB Port 1
0h = No Interrupt
1h = Interrupt
2
INT_USB_DISCONNECT
_P1
R/W1C
0h
Disconnect event has occurred on Port 1
0h = No Interrupt
1h = Interrupt
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com