Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 30 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 26Page - Texas Instruments TUSB2E221 Datasheet HTML 27Page - Texas Instruments TUSB2E221 Datasheet HTML 28Page - Texas Instruments TUSB2E221 Datasheet HTML 29Page - Texas Instruments TUSB2E221 Datasheet HTML 30Page - Texas Instruments TUSB2E221 Datasheet HTML 31Page - Texas Instruments TUSB2E221 Datasheet HTML 32Page - Texas Instruments TUSB2E221 Datasheet HTML 33Page - Texas Instruments TUSB2E221 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
5. The host presents a repeated start condition (Sr).
6. The host initiates a read operation by generating a start condition (S), followed by the TUSB2E221 7-bit
address and a one-value “W/R” bit to indicate a read cycle.
7. The TUSB2E221 acknowledges the 7-bit address cycle.
8. The TUSB2E221 transmit the contents of the memory registers MSB-first starting at the register offset.
9. The TUSB2E221 shall wait for either an acknowledge (ACK) or a not-acknowledge (NACK) from the host
after each byte transfer; the I2C host acknowledges reception of each data byte transfer.
10. If an ACK is received, the TUSB2E221 transmits the next byte of data as long as host provides the clock. If a
NAK is received, the TUSB2E221 stops providing data and waits for a stop condition (P).
11. The host terminates the read operation by generating a stop condition (P).
Figure 8-8. I2C Write Without Data
Use this procedure to set a starting sub-address for I2C reads (refer to Figure 8-8).
1. The host initiates a write operation by generating a start condition (S), followed by the TUSB2E221 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TUSB2E221 acknowledges the address cycle.
3. The host presents the register offset within the TUSB2E221 to be written, consisting of one byte of data,
MSB-first.
4. The TUSB2E221 acknowledges the register offset cycle.
5. The host terminates the write operation by generating a stop condition (P).
Note
After initial power-up, if no register offset is included for the read procedure (refer to Figure 8-6),
then reads start at register offset 00h and continue byte by byte through the registers until the I2C
host terminates the read operation. During a read operation, the TUSB2E221 auto-increments the
I2C internal register address of the last byte transferred independent of whether or not an ACK was
received from the I2C host.
tBUF
tHDSTA
tR
tLOW
tHDDAT
t
HIGH
tF
tSUDAT
tSUSTA
tHDSTA
tSUSTO
P
S
S
P
SDA
SCL
30%
70%
30%
70%
Figure 8-9. I2C Timing Diagram
8.5.2 Register Access Protocol (RAP)
Each repeater in the TUSB2E221 supports the register access protocol (RAP) over eUSB2 to allow access to
the related registers. Only the registers associated with each repeater is accessible through RAP. Registers for
the other repeater or the chip top level are not accessible through RAP.
RAP accessible registers are indicated with corresponding RAP addresses in the register map. Default value of
a subset of the registers are factory programmable and are indicated in register map.
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com