Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB2E221 Datasheet HTML 1Page - Texas Instruments TUSB2E221 Datasheet HTML 2Page - Texas Instruments TUSB2E221 Datasheet HTML 3Page - Texas Instruments TUSB2E221 Datasheet HTML 4Page - Texas Instruments TUSB2E221 Datasheet HTML 5Page - Texas Instruments TUSB2E221 Datasheet HTML 6Page - Texas Instruments TUSB2E221 Datasheet HTML 7Page - Texas Instruments TUSB2E221 Datasheet HTML 8Page - Texas Instruments TUSB2E221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
1 Features
• Compliance to USB 2.0 and eUSB2 (rev 1.2)
• Support for low-speed (LS), full-speed (FS), high-
speed (HS)
• Best-in-class high-speed total jitter of 20ps
• Register access protocol receptor capable
• Dual independent repeater
• 2:2 crossbar mux (DSBGA package only)
• Host and device mode (DRD) support
• Selection between 1.2V and 1.8V control or I2C
levels using VIOSEL pin
• Auto detection for I2C or strap-pin options
– Three strap-pins for USB 2.0 high-speed
channel compensation settings
– I2C device interface for more configurations
• Device variants
– eUSB2 1.0V or 1.2V signaling interface
– Four eUSB2 trace loss compensation levels for
different product form-factors: 2.5, 5, 7.5, and
10 inches
• Supports auto-resume ECR as well as L2 interrupt
resume mode
• CTA-936 USB Carkit UART support
• Optional BC1.2 CDP battery charging and
detection support
• Optional GPIO modes for EQ pins for debug and
I2C ↔ GPIOs through EQ0/1
• I2C accessible debug capabilities for
manufacturing tests
2 Applications
• Communications equipment
• Enterprise systems
• Notebooks and desktops
• Industrial
• Tablets
• Portable electronics
3 Description
The TUSB2E221 enables implementation of USB
2.0 compliant port on newer processors using lower
voltage processes.
The TUSB2E221 is a USB eUSB2-USB 2.0 repeater
supporting both device and host modes. The
TUSB2E221 supports USB low-speed (LS) and full-
speed (FS) signals and high-speed (HS) signals.
The TUSB2E221 is designed to interface with eUSB2
eDSPr or eUSPr operating at 1.2V single-ended
signaling.
The TUSB2E221 has multiple patented designs to
provide robust interoperability, optimum performance,
and power.
For systems without an I2C interface, the device offers
eight individual settings with three strap-pins for USB
2.0 channel Equivalent Series Resistance (ESR) up
to 17.5Ω. Device variants are available for different
levels of eUSB2 trace length compensation up to 10
inches.
The I2C interface permits additional flexibility for users
to fine tune the RX and TX settings of the device. The
available settings are RX equalization, RX squelch
threshold, RX disconnect thresholds, TX amplitude,
TX slew rate and TX pre-emphasis.
Various debug options are available through the three
EQ pins that can be configured to monitor various
USB bus states or interrupt as well as CTA-936 UART
mode control that can provide SoC debug capabilities.
EQ0 and EQ1 can be used as general purpose I2C to
GPIOs bridge.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TUSB2E221
VBW (WQFN, 20)(3) 3mm × 3mm
YCG (DSBGA, 25)
2mm × 2mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
Package is preview only.
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TUSB2E221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2E221 TI1-TUSB2E221 Datasheet
1Mb / 63P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
JUNE 2024
TUSB2E221 TI-TUSB2E221 Datasheet
1Mb / 66P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
NOVEMBER 2024
TUSB2E221 TI2-TUSB2E221 Datasheet
1Mb / 63P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
REVISED OCTOBER 2025
TUSB2E2211001VBW TI2-TUSB2E2211001VBW Datasheet
1Mb / 63P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
REVISED OCTOBER 2025
TUSB2E2211001YCG TI2-TUSB2E2211001YCG Datasheet
1Mb / 63P
TUSB2E221 USB 2.0-eUSB2 Dual Repeater
REVISED OCTOBER 2025
More results

Similar Description - TUSB2E221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
614008246521 WURTH-614008246521 Datasheet
498Kb / 1P
DUAL USB 2.0 TYPE A
logo
Tripp Lite. All Rights ...
U042-025 TRIPPLITE-U042-025 Datasheet
175Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 25-ft.
U042-030 TRIPPLITE-U042-030 Datasheet
167Kb / 3P
USB 2.0 A/B Active Repeater Cable (M/M), 30 ft.
U042-036 TRIPPLITE-U042-036 Datasheet
176Kb / 2P
USB 2.0 A/B Active Repeater Cable (M/M), 36-ft.
U026-15M TRIPPLITE-U026-15M Datasheet
169Kb / 3P
USB 2.0 Active Extension Repeater Cable (USB-A M/F), 15 m (49 ft.)
logo
Texas Instruments
TUSB2E22 TI1-TUSB2E22 Datasheet
583Kb / 26P
TUSB2E22 eUSB2-USB 2.0 Dual Repeater
TUSB2E11 TI-TUSB2E11 Datasheet
1Mb / 58P
TUSB2E11 USB 2.0-eUSB2 Repeater
REVISED JUNE 2022
TUSB2E11 TI1-TUSB2E11_V01 Datasheet
1Mb / 58P
TUSB2E11 USB 2.0-eUSB2 Repeater
REVISED AUGUST 2023
TUSB2E22 TI1-TUSB2E22_V01 Datasheet
1Mb / 30P
TUSB2E22 eUSB2-USB 2.0 Dual Repeater
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com