Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 14Page - Texas Instruments TUSB2E221 Datasheet HTML 15Page - Texas Instruments TUSB2E221 Datasheet HTML 16Page - Texas Instruments TUSB2E221 Datasheet HTML 17Page - Texas Instruments TUSB2E221 Datasheet HTML 18Page - Texas Instruments TUSB2E221 Datasheet HTML 19Page - Texas Instruments TUSB2E221 Datasheet HTML 20Page - Texas Instruments TUSB2E221 Datasheet HTML 21Page - Texas Instruments TUSB2E221 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
6.7 Timing Requirements
MIN
NOM
MAX
UNIT
I/O TIMING
t_GPIO_PW
Minimum GPIO pulse width for INT event
8
µs
RESET TIMING
t_VDD1V8_RA
MP
Ramp time for VDD1V8 to reach minimum 1.62V
2
ms
t_VDD3V3_RA
MP
Ramp time for VDD3V3 to reach minimum 3.0V
2
ms
t_su_CROSS Setup time for CROSS sampled at the deassertion of RESETB
0
ms
t_hd_CROSS Hold time for CROSS sampled at the deassertion of RESETB
3
ms
t_aRESETB
Duration for RESETB to be asserted low to complete reset while powered
10
µs
t_RH_READY
Time for device to be ready to accept RAP and I2C requests and eUSB2
interface to be ready after RESETB is deasserted or (VDD1V8 and
VDD3V3) reach minimum recommended voltages, whichever is later
3
ms
t_RS_READY
Time for device to be ready to accept RAP and I2C requests and eUSB2
interface to be ready after soft reset through I2C
350
µs
REPEATER TIMING
TJ1E
Total additive jitter for eUSB2 to USB 2.0 (output jitter - input jitter) of
repeater when one of the two repeater is disabled. (must also include all
complete SOP bits and measured with eUSB2 TX rise/fall time skew and
intra-pair prop delay skew, refer to VCM_RX_AC) [RX EQ disabled, TX PE
disabled, VOD nominal setting and no input or output channel]. Egress
setup diagram
25
42
ps
TJ1I
Total additive jitter for USB to eUSB2 (output jitter - input jitter) of repeater
when one of the two repeater is disabled. [RX EQ disabled, TX PE
disabled, VOD nominal setting and no input or output channel]. Ingress
setup diagram
25
42
ps
TJ2E
Total additive jitter for eUSB2 to USB (output jitter - input jitter) of repeater
when both repeaters are active. [RX EQ disabled, TX PE disabled, VOD
nominal setting and no input or output channel]
60
ps
TJ2I
Total additive jitter for USB to eUSB2 (output jitter - input jitter) of repeater
when both repeaters are active. [RX EQ disabled, TX PE disabled, VOD
nominal setting and no input or output channel]
60
ps
Te_to_U_DJ1
eUSB2 to USB 2.0 repeater FS jitter to next transition (Per eUSB2 spec 1.1
Table 7-13 Note 1 & 2 condition for Supply and GND delta (1))
–6.0
+6.0
ns
TU_to_e_DJ1
USB 2.0 to eUSB2 repeater FS jitter to next transition (Per eUSB2 spec 1.1
Table 7-13 Note1 & 2 condition for Supply and GND delta (1))
–3.0
+3.0
ns
TDJ2_e2U
Repeater FS paired transition jitter in eUSB2 to USB 2.0 direction (Relaxed
relative to THDJ2 defined by USB 2.0 +/-1ns)
–1.5
+1.5
ns
TDJ2_U2e
Repeater FS paired transition jitter in USB 2.0 to eUSB2 direction (Relaxed
relative to THDJ2 defined by USB 2.0 +/-1ns)
–1.5
+1.5
ns
MODE TIMING
TMODE_SWI
TCH
Time needed to change mode from UART bypass mode to and from USB
mode
1
µs
TUART_STAR
T
Time needed to start transmitting UART data after entering UART bypass
mode
2
ms
I2C (FM+)
tSU_STA
Start setup time, SCL (Tr=72ns to 120ns), SDA (Tf=6.5ns to 81.5ns), 1MHz
FM+
260
ns
tSU_STO
Stop setup time, SCL (Tr=72ns to 120ns), SDA (Tf=6.5ns to 81.5ns), 1MHz
FM+
260
ns
tHD_STA
Start hold time, SCL (Tr=72ns to 120ns), SDA (Tf=6.5ns to 81.5ns), 1MHz
FM+
260
ns
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com