Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 47 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 43Page - Texas Instruments TUSB2E221 Datasheet HTML 44Page - Texas Instruments TUSB2E221 Datasheet HTML 45Page - Texas Instruments TUSB2E221 Datasheet HTML 46Page - Texas Instruments TUSB2E221 Datasheet HTML 47Page - Texas Instruments TUSB2E221 Datasheet HTML 48Page - Texas Instruments TUSB2E221 Datasheet HTML 49Page - Texas Instruments TUSB2E221 Datasheet HTML 50Page - Texas Instruments TUSB2E221 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
Table 9-23. INT_STATUS_1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1
INT_USB_REMOTE_WAK
E_P0
R/W1C
0h
Remote Wake Event Detect on USB Port 0
0h = No Interrupt
1h = Interrupt
0
INT_USB_DISCONNECT
_P0
R/W1C
0h
Disconnect event has occurred on Port 0
0h = No Interrupt
1h = Interrupt
9.1.22 INT_STATUS_2 Register (Offset = A4h) [Reset = 00h]
INT_STATUS_2 is shown in Table 9-24.
Return to the Summary Table.
Table 9-24. INT_STATUS_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
Reserved
3
INT_USB_DET_ATTACH_
P1
R/W1C
0h
Device Attach event has occurred on Port 1
0h = No Interrupt
1h = Interrupt
2
INT_USB_DET_ATTACH_
P0
R/W1C
0h
Device Attach event has occurred on Port 0
0h = No Interrupt
1h = Interrupt
1
INT_USB_OVP_P1
R/W1C
0h
Over voltage condition (DP/DN voltage > VOVP_TH) has occurred port
1
0h = No Interrupt
1h = Interrupt
0
INT_USB_OVP_P0
R/W1C
0h
Over voltage condition (DP/DN voltage > VOVP_TH) has occurred port
0
0h = No Interrupt
1h = Interrupt
9.1.23 REV_ID Register (Offset = B0h) [Reset = 03h]
REV_ID is shown in Table 9-25.
Return to the Summary Table.
Table 9-25. REV_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
REV_ID
RH
3h
Device revision.
4h = Device Revision 4
9.1.24 GLOBAL_CONFIG Register (Offset = B2h) [Reset = 00h]
GLOBAL_CONFIG is shown in Table 9-26.
Return to the Summary Table.
Table 9-26. GLOBAL_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SOFT_RST
WtoPH
0h
Writing a 1 to this field is equivalent to pulsing RESETB low
6
DISABLE_P1
R/W
0h
DIsabled Mode Repeater 1 (I2C will remain Active)
(If port is not disconnected, wait until disconnect event to disable the
repeater)
0h = Repeater Enabled
1h = Repeater Disabled
www.ti.com
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com