Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB2E221 Datasheet HTML 1Page - Texas Instruments TUSB2E221 Datasheet HTML 2Page - Texas Instruments TUSB2E221 Datasheet HTML 3Page - Texas Instruments TUSB2E221 Datasheet HTML 4Page - Texas Instruments TUSB2E221 Datasheet HTML 5Page - Texas Instruments TUSB2E221 Datasheet HTML 6Page - Texas Instruments TUSB2E221 Datasheet HTML 7Page - Texas Instruments TUSB2E221 Datasheet HTML 8Page - Texas Instruments TUSB2E221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
5 Pin Configuration and Functions
SCL
eDP1
VDD3
V3
VIOSE
L
VDD1
V8
DPA
eDN1
GND
eDN0
eDP0
CROS
S
VDD3
V3
SDA
EQ0
EQ1
GND
GND
SCL
RESE
TB
VDD1
V8
GND
EQ2/
INT
DPB
DNB
GND
DNA
1
2
3
4
5
A
B
C
D
E
Figure 5-1. YCG Package, 25-Pin DSBGA (Top View)
1
VDD3V3
15
VDD3V3
2
EQ0
14
SDA
3
VIOSEL
13
SCL
4
EQ1
12
EQ2/INT
5
RESETB
11
VDD1V8
Not to scale
Figure 5-2. VBW Package 20-Pin WQFN(1) (Top View)
www.ti.com
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com