Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 53 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 49Page - Texas Instruments TUSB2E221 Datasheet HTML 50Page - Texas Instruments TUSB2E221 Datasheet HTML 51Page - Texas Instruments TUSB2E221 Datasheet HTML 52Page - Texas Instruments TUSB2E221 Datasheet HTML 53Page - Texas Instruments TUSB2E221 Datasheet HTML 54Page - Texas Instruments TUSB2E221 Datasheet HTML 55Page - Texas Instruments TUSB2E221 Datasheet HTML 56Page - Texas Instruments TUSB2E221 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
10.4.2 Example Layout
eDP1
VDD3V3
VDD1V8
DPA
eDN1
GND
eDN0
eDP0
CROSS
VDD3V3
SDA
EQ0
EQ1
GND
GND
SCL
RESETB
VDD1V8
GND
EQ2/INT
DPB
DNB
GND
DNA
VDD1V8
eDP0
eDN0
eDN1
eDP1
DPA
DNA
DNB
DPB
VDD
33
VDD
33
VDD
18
VDD
18
GND
GND
0.1uF
0.1uF
0.1uF
0.1uF
GND
VDD
33
VDD
18
Via to
VDD33
Plane
Via to
VDD18
Plane
Via to
GND
Plane
1k
1k
VDD18
VDD18
SoC
eUSB2
Port 0
SoC
eUSB2
Port 1
USB 2.0
connector A
USB 2.0
connector B
Reset
control
from SoC
10k*
VDD18
10k*
VDD18
GND
GND
GND
GND
VDD
18
10k*
10k*
GND
GND
*Pullup and Pulldown
Resistor Options
GND
GND
GND
GND
Figure 10-4. Example Layout for WCSP
www.ti.com
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com