Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 12Page - Texas Instruments TUSB2E221 Datasheet HTML 13Page - Texas Instruments TUSB2E221 Datasheet HTML 14Page - Texas Instruments TUSB2E221 Datasheet HTML 15Page - Texas Instruments TUSB2E221 Datasheet HTML 16Page - Texas Instruments TUSB2E221 Datasheet HTML 17Page - Texas Instruments TUSB2E221 Datasheet HTML 18Page - Texas Instruments TUSB2E221 Datasheet HTML 19Page - Texas Instruments TUSB2E221 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DPA, DNA, DPB, DNB, HS Driver Switching Characteristics
THSR
Rise Time (10% - 90%)
USB 2.0 Spec Section 7.1.2 (1),
U_HS_TX_SLEW_RATE_Px Setting 11,
ideal 45Ω to GND loads on DP and DN,
Pre-emphasis disabled.
530
625
740
ps
THSF
Fall Time (10% - 90%)
USB 2.0 Spec Section 7.1.2 (1),
U_HS_TX_SLEW_RATE_Px Setting 11,
ideal 45Ω to GND loads on DP and DN,
Pre-emphasis disabled.
530
625
740
ps
DPA, DNA, DPB, DNB, FS Driver Switching Characteristics
TFR
Rise Time (10% - 90%)
USB 2.0 Spec Figure 7-8; Figure 7-9 (1)
4
20
ns
TFF
Fall Time (10% - 90%)
USB 2.0 Spec Figure 7-8; Figure 7-9 (1)
4
20
ns
TFRFM
(TFR/TFM)
USB 2.0 Spec 7.1.2 (1), Excluding the first
transition from the Idle state
90
111.1
%
DPA, DNA, DPB , DNB, LS Driver Switching Characteristics
TLR
Rise Time (10% - 90%)
USB 2.0 Spec Figure 7-8 (1)
75
300
ns
TLF
Fall Time (10% - 90%)
USB 2.0 Spec Figure 7-8 (1)
75
300
ns
eDP0, eDN0, eDP1, eDN1, HS Driver Switching Characteristics
TEHSRF
Rise/Fall Time (20% - 80%)
eUSB2 Spec Section 7.2.1 (2),
ideal 80Ω Rx differential termination
E_HS_TX_SLEW_RATE_Px Setting = 01
355
440
525
ps
TEHSRF_M
M
Transmit rise/fall mismatch
eUSB2 Spec Section 7.2.1 (2),
Rise/fall mismatch = absolute delta of
(rise – fall time) / (average of rise and fall
time).
25
%
eDP0, eDN0, eDP1, eDN1, LS/FS Driver Switching Characteristics
TERF
Rise/Fall Time (10% - 90%)
eUSB2 Spec Section 7.2.1 (2)
2
6
ns
TERF_MM Transmit rise/fall mismatch
eUSB2 Spec Section 7.2.1 (2)
25
%
I2C (SDA)
Tr
Rise Time (STD)
Bus Speed = 100kHz, CL= 200pF, RPU =
4kΩ, IOL = ~1mA
600
ns
Tr
Rise Time (FM)
Bus Speed = 400kHz, CL= 200pF, RPU =
2.2kΩ, IOL = ~2mA
180
ns
Tr
Rise Time (FM+)
Bus Speed = 1MHz, CL= 10pF, RPU =
1kΩ, IOL = ~4mA
72
ns
Tr
Rise Time (STD)
Bus Speed = 100kHz, CL= 200pF, RPU =
4kΩ, IOL = ~2mA
1000
ns
Tr
Rise Time (FM)
Bus Speed = 400kHz, CL= 200pF, RPU =
1kΩ, IOL = ~8mA
300
ns
Tr
Rise Time (FM+)
Bus Speed = 1MHz, CL= 50pF, RPU =
1kΩ, IOL = ~4mA
120
ns
Tf
Fall Time (STD)
Bus Speed = 100kHz, CL= 200pF, RPU =
2.2kΩ, IOL = ~4mA
106.5
ns
Tf
Fall Time (FM)
Bus Speed = 400kHz, CL= 200pF, RPU =
1kΩ, IOL = ~8mA
106.5
ns
Tf
Fall Time (FM+)
Bus Speed = 1MHz, CL= 90pF, RPU =
1kΩ, IOL = ~8mA
81.5
ns
Tf
Fall Time (STD)
Bus Speed = 100kHz, CL= 10pF, RPU =
4kΩ, , IOL = ~2mA
6.5
ns
Tf
Fall Time (FM)
Bus Speed = 400kHz, CL= 10pF, RPU =
2.2kΩ, IOL = ~4mA
6.5
ns
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com