Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 48 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 44Page - Texas Instruments TUSB2E221 Datasheet HTML 45Page - Texas Instruments TUSB2E221 Datasheet HTML 46Page - Texas Instruments TUSB2E221 Datasheet HTML 47Page - Texas Instruments TUSB2E221 Datasheet HTML 48Page - Texas Instruments TUSB2E221 Datasheet HTML 49Page - Texas Instruments TUSB2E221 Datasheet HTML 50Page - Texas Instruments TUSB2E221 Datasheet HTML 51Page - Texas Instruments TUSB2E221 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
Table 9-26. GLOBAL_CONFIG Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5
DISABLE_P0
R/W
0h
Disabled Mode Repeater 0 (I2C will remain Active)
(If port is not disconnected, wait until disconnect event to disable the
repeater)
0h = Repeater Enabled
1h = Repeater Disabled
4
INT_OUT_TYPE
R/W
0h
INT Output Type
INT output drive strength in open drain mode will be the same as
GPIO setting
0h = Open Drain
1h = push pull
3
INT_POLARITY
R/W
0h
INT pin polarity in push-pull mode only (open drain mode will always
be Active low)
0h = Active High (only for push-pull)
1h = Active Low (only for push-pull, open drain will always be active
low)
2
RESERVED
R/W
0h
Reserved
1-0
RESERVED
R
0h
Reserved
9.1.25 INT_ENABLE_1 Register (Offset = B3h) [Reset = 00h]
INT_ENABLE_1 is shown in Table 9-27.
Return to the Summary Table.
Table 9-27. INT_ENABLE_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
GPIO1_RISING_EDGE
R/W
0h
INT_GPIO1_RISING_EDGE enable.
When GPIO1_IN_TRIGGER_TYPE = 0 (Edge), this enables interrupt
on Rising Edge of GPIO1.
When GPIO1_IN_TRIGGER_TYPE = 1 (Level), this enables
Interrupt when GPIO1 = High.
0h = Not Enabled
1h = Enabled
6
GPIO1_FALLING_EDGE
R/W
0h
INT_GPIO1_FALLING_EDGE enable.
When GPIO1_IN_TRIGGER_TYPE = 0 (Edge), this enables interrupt
on Falling Edge of GPIO1.
When GPIO1_IN_TRIGGER_TYPE = 1 (Level), this enables
Interrupt when GPIO1 = Low.
0h = Not Enabled
1h = Enabled
5
GPIO0_RISING_EDGE
R/W
0h
INT_GPIO0_RISING_EDGE enable.
When GPIO0_IN_TRIGGER_TYPE = 0 (Edge), this enables interrupt
on Rising Edge of GPIO0.
When GPIO0_IN_TRIGGER_TYPE = 1 (Level), this enables
Interrupt when GPIO0 = High.
0h = Not Enabled
1h = Enabled
4
GPIO0_FALLING_EDGE
R/W
0h
INT_GPIO0_FALLING_EDGE enable.
When GPIO0_IN_TRIGGER_TYPE = 0 (Edge), this enables interrupt
on Falling Edge of GPIO0.
When GPIO0_IN_TRIGGER_TYPE = 1 (Level), this enables
Interrupt when GPIO0 = Low.
0h = Not Enabled
1h = Enabled
3
USB_REMOTE_WAKE_P
1
R/W
0h
INT_USB_REMOTE_WAKE_P1 enable.
See L2 State Interrupt Modes
0h = Not Enabled
1h = Enabled
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com