Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 15 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 11Page - Texas Instruments TUSB2E221 Datasheet HTML 12Page - Texas Instruments TUSB2E221 Datasheet HTML 13Page - Texas Instruments TUSB2E221 Datasheet HTML 14Page - Texas Instruments TUSB2E221 Datasheet HTML 15Page - Texas Instruments TUSB2E221 Datasheet HTML 16Page - Texas Instruments TUSB2E221 Datasheet HTML 17Page - Texas Instruments TUSB2E221 Datasheet HTML 18Page - Texas Instruments TUSB2E221 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
eUSB0, eUSB1 HS INPUT LEVELS
VCM_RX_AC
Receiver AC common mode
(50MHz-480MHz)
eUSB2 Spec Section 7.1.2 (informative)
(2), across the DC common mode range
of 120mV to 280mV. (RX capability
tested with intentional TX Rise/Fall Time
mismatch and prop delay mismatch)
–60
60
mV
CRX_CM
Receive center-tapped capacitance
eUSB2 Spec Section 7.1.2
(informative) (2)
15
50
pF
VEHSSQ
Squelch/No-squelch detect threshold
eUSB2 Spec Section 7.1.2 (2),
(measured as differential peak voltage at
240MHz with increasing amplitude), VCM
= 120mV to 450mV
47
66
83
mV
EQ_EHS
eUSB2 High-speed data receiver
equalization, (measured indirectly
through jitter)
240MHz E_EQ_P1x Setting 0010
0.59
1.12
1.4
dB
eUSB0, eUSB1 HS OUTPUT LEVELS
VEHSOD
Transmit differential (terminated)
Measured p2p, RL = 80Ω,
E_HS_TX_AMPLITUDE_ Px setting
100, ideal 80Ω Rx differential
termination load
396
440
484
mV
E_TXPE
High-speed TX Pre-emphasis
E_HS_TX_PRE_EMPHASIS_Px Setting
010
1.01
1.29
1.57
dB
(1)
USB 2.0 Promoter Group 2000, USB 2.0 Specification USB 2.0 Promoter Group
(2)
USB Implementers Forum (2018). Embedded USB2 (eUSB2) Physical Layer Supplement to the USB Revision 2.0 Specification, Rev.
1.2 USB Implementers Forum
www.ti.com
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com