Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 49 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 45Page - Texas Instruments TUSB2E221 Datasheet HTML 46Page - Texas Instruments TUSB2E221 Datasheet HTML 47Page - Texas Instruments TUSB2E221 Datasheet HTML 48Page - Texas Instruments TUSB2E221 Datasheet HTML 49Page - Texas Instruments TUSB2E221 Datasheet HTML 50Page - Texas Instruments TUSB2E221 Datasheet HTML 51Page - Texas Instruments TUSB2E221 Datasheet HTML 52Page - Texas Instruments TUSB2E221 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
Table 9-27. INT_ENABLE_1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
USB_DISCONNECT_P1
R/W
0h
INT_USB_DISCONNECT_P1 enable.
See L2 State Interrupt Modes
0h = Not Enabled
1h = Enabled
1
USB_REMOTE_WAKE_P
0
R/W
0h
INT_USB_REMOTE_WAKE_P0 enable.
See L2 State Interrupt Modes
0h = Not Enabled
1h = Enabled
0
USB_DISCONNECT_P0
R/W
0h
INT_USB_DISCONNECT_P0 enable.
See L2 State Interrupt Modes
0h = Not Enabled
1h = Enabled
9.1.26 INT_ENABLE_2 Register (Offset = B4h) [Reset = 00h]
INT_ENABLE_2 is shown in Table 9-28.
Return to the Summary Table.
Table 9-28. INT_ENABLE_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
INT_OVERRIDE_EN
R/W
0h
INT pin enable
0h = Not Enabled
1h = Enabled
6
INT_VALUE
R/W
0h
Value to drive on INT when INT_OVERRIDE=1
INT output pin indicates the interrupt assertion. The pin will follow the
INT pin configuration.
In open drain mode, the pin is active low to indicate interrupt
assertion. In push-pull mode, the pin follows active low/high
configuration to indicate INT assertion.
0h = output : interrupt not asserted
1h = output : interrupt asserted
5-4
RESERVED
R
0h
Reserved
3
USB_DETECT_ATTACH_
P1
R/W
0h
INT_USB_DET_ATTACH_P1 enable.
Enable device attach detection while eDSP is powered down
0h = Not Enabled
1h = Enabled
2
USB_DETECT_ATTACH_
P0
R/W
0h
INT_USB_DET_ATTACH_P0 enable.
Enable device attach detection while eDSP is powered down
0h = Not Enabled
1h = Enabled
1
USB_OVP_P1
R/W
0h
Over Voltage Port 1 interrupt enable
0h = Not Enabled
1h = Enabled
0
USB_OVP_P0
R/W
0h
Over Voltage Port 0 interrupt enable
0h = Not Enabled
1h = Enabled
www.ti.com
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com