Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 25 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 21Page - Texas Instruments TUSB2E221 Datasheet HTML 22Page - Texas Instruments TUSB2E221 Datasheet HTML 23Page - Texas Instruments TUSB2E221 Datasheet HTML 24Page - Texas Instruments TUSB2E221 Datasheet HTML 25Page - Texas Instruments TUSB2E221 Datasheet HTML 26Page - Texas Instruments TUSB2E221 Datasheet HTML 27Page - Texas Instruments TUSB2E221 Datasheet HTML 28Page - Texas Instruments TUSB2E221 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
The special wake on disconnect sequence when disconnect event interrupt mode is enabled
• System enables interrupt USB_DISCONNECT_Px.
• Repeater is in host mode and has received a CM.L2.
• Repeater detects SE0 for disconnect on USB 2.0.
• Repeater asserts interrupt.
• Interrupt must be cleared prior to eDSPr reinitializing the TUSB2E221 as a host.
• Repeater does not signal or report USB 2.0 SE0 on eUSB2.
• Repeater waits for eDSPr to power up, which starts with port reset announcement.
• Repeater and eDSP follow normal eUSB2 protocol, ending in unconnected state of host mode.
Figure 8-3. Timing Diagram for Disconnect Interrupt for HS/FS
8.4.6 Attach Detect Interrupt Mode
When attach event detect is enabled the TUSB2E221 issues an interrupt event instead of signaling attach on
eUSB2.
• System enables interrupt USB_DETECT_ATTACH_Px. Interrupt must be enabled prior to any connect event.
• Repeater is in host mode.
• Repeater detects attach on USB 2.0.
• Repeater debounces attach for 60µs and asserts interrupt instead of signaling attach on eUSB2.
• Interrupt must be disabled prior to eDSPr reinitializing as a host to process attach through normal
mechanism.
Figure 8-4. Timing Diagram for Attach Detect Interrupt for HS/FS
www.ti.com
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com