Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 31 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB2E221 Datasheet HTML 27Page - Texas Instruments TUSB2E221 Datasheet HTML 28Page - Texas Instruments TUSB2E221 Datasheet HTML 29Page - Texas Instruments TUSB2E221 Datasheet HTML 30Page - Texas Instruments TUSB2E221 Datasheet HTML 31Page - Texas Instruments TUSB2E221 Datasheet HTML 32Page - Texas Instruments TUSB2E221 Datasheet HTML 33Page - Texas Instruments TUSB2E221 Datasheet HTML 34Page - Texas Instruments TUSB2E221 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
9 Register Map
9.1 TUSB2E221 Registers
Table 9-1 lists the memory-mapped registers for the TUSB2E221 registers. All register offset addresses not
listed in Table 9-1 should be considered as reserved locations and the register contents should not be modified.
Table 9-1. TUSB2E221 Registers
Offset
Acronym
Register Name
Section
0h
GPIO0_CONFIG
RAP Register for Port 0 (Write = 0h, Read = 30h)
Go
10h
LOPWR_N_UART_P0
Go
20h
CONFIG_PORT0
RAP Register for Port 0 (Write = 20h, Read = 10h)
Go
30h
U_TX_ADJUST_PORT0
RAP Register for Port 0 (Write = 30h, Read = 0h), Default
through OTP
Go
31h
U_HS_TX_PRE_EMPHASIS_P0
RAP Register for Port 0 (Write = 31h, Read = 1h), Default
through OTP
Go
32h
U_RX_ADJUST_PORT0
RAP Register for Port 0 (Write = 32h, Read = 2h), Default
through OTP
Go
33h
U_DISCONNECT_SQUELCH_PORT0
RAP Register for Port 0 (Write = 33h, Read = 3h), Default
through OTP
Go
37h
E_HS_TX_PRE_EMPHASIS_P0
RAP Register for Port 0 (Write = 37h, Read = 7h), Default
through OTP
Go
38h
E_TX_ADJUST_PORT0
RAP Register for Port 0 (Write = 38h, Read = 8h), Default
through OTP
Go
39h
E_RX_ADJUST_PORT0
RAP Register for Port 0 (Write = 39h, Read = 9h), Default
through OTP
Go
40h
GPIO1_CONFIG
RAP Register for Port 1 (Write = 0h, Read = 30h)
Go
50h
LOPWR_N_UART_P1
Go
60h
CONFIG_PORT1
RAP Register for Port 1 (Write = 20h, Read = 10h)
Go
70h
U_TX_ADJUST_PORT1
RAP Register for Port 1 (Write = 30h, Read = 0h), Default
through OTP
Go
71h
U_HS_TX_PRE_EMPHASIS_P1
RAP Register for Port 1 (Write = 31h, Read = 1h), Default
through OTP
Go
72h
U_RX_ADJUST_PORT1
RAP Register for Port 1 (Write = 32h, Read = 2h), Default
through OTP
Go
73h
U_DISCONNECT_SQUELCH_PORT1
RAP Register for Port 1 (Write = 33h, Read = 3h), Default
through OTP
Go
77h
E_HS_TX_PRE_EMPHASIS_P1
RAP Register for Port 1 (Write = 37h, Read = 7h), Default
through OTP
Go
78h
E_TX_ADJUST_PORT1
RAP Register for Port 1 (Write = 38h, Read = 8h), Default
through OTP
Go
79h
E_RX_ADJUST_PORT1
RAP Register for Port 1 (Write = 39h, Read = 9h), Default
through OTP
Go
A3h
INT_STATUS_1
Go
A4h
INT_STATUS_2
Go
B0h
REV_ID
Go
B2h
GLOBAL_CONFIG
Go
B3h
INT_ENABLE_1
Go
B4h
INT_ENABLE_2
Go
Complex bit access types are encoded to fit into small table cells. Table 9-2 shows the codes that are used for
access types in this section.
www.ti.com
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com