Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2E221 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB2E221
Description  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2E221 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB2E221 Datasheet HTML 1Page - Texas Instruments TUSB2E221 Datasheet HTML 2Page - Texas Instruments TUSB2E221 Datasheet HTML 3Page - Texas Instruments TUSB2E221 Datasheet HTML 4Page - Texas Instruments TUSB2E221 Datasheet HTML 5Page - Texas Instruments TUSB2E221 Datasheet HTML 6Page - Texas Instruments TUSB2E221 Datasheet HTML 7Page - Texas Instruments TUSB2E221 Datasheet HTML 8Page - Texas Instruments TUSB2E221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
4 Device Variants
The following table describes the key differences between the TUSB2E221x device variants
Table 4-1. Device Variant Information
Orderable Device
Package Type
Package Drawing
Register Map
Default
7-bit I2C Address
eUSB2 LS/FS
Voltage
Device Marking
TUSB2E221
WCSP
YCG
CAT2
0x4F
1.2V
2E221W2
TUSB2E221
WQFN
VBW
CAT2
0x4F
1.2V
2E221V2
For more information and availability of device variants such as eUSB2 1.0V signaling interface, different 7-bit
I2C addresses, and lower power internal embedded applications, see Support Resources.
Table 4-2. Register Map Defaults
I2C Offset
CAT2
0x30
0x79
0x31
0x39
0x32
0xD4
0x33
0x75
0x37
0x40
0x38
0x4C
0x39
0x22
0x10
0x50
0x70
0x79
0x71
0x39
0x72
0x94
0x73
0x75
0x77
0x40
0x78
0x4C
0x79
0x22
0x50
0x50
TUSB2E221
SNLS757B – JUNE 2024 – REVISED NOVEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com