Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58BW016DB Datasheet(PDF) 55 Page - STMicroelectronics

Part # M58BW016DB
Description  16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016DB Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M58BW016DB Datasheet HTML 51Page - STMicroelectronics M58BW016DB Datasheet HTML 52Page - STMicroelectronics M58BW016DB Datasheet HTML 53Page - STMicroelectronics M58BW016DB Datasheet HTML 54Page - STMicroelectronics M58BW016DB Datasheet HTML 55Page - STMicroelectronics M58BW016DB Datasheet HTML 56Page - STMicroelectronics M58BW016DB Datasheet HTML 57Page - STMicroelectronics M58BW016DB Datasheet HTML 58Page - STMicroelectronics M58BW016DB Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 69 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
Common Flash interface (CFI)
55/69
Appendix A
Common Flash interface (CFI)
The common Flash interface is a JEDEC approved, standardized data structure that can be
read from the Flash memory device. It allows a system software to query the device to
determine various electrical and timing parameters, density information and functions
supported by the memory. The system can interface easily with the device, enabling the
software to upgrade itself when necessary.
When the CFI Query command (RCFI) is issued the device enters CFI Query mode and the
data structure is read from the memory. Table 25, Table 26, Table 27, Table 28 and Table 29
show the addresses used to retrieve the data.
Table 25.
Query structure overview
Offset
Sub-section name
Description
00h
Manufacturer code
01h
Device code
10h
CFI Query identification string
Command set ID and algorithm data offset
1Bh
System interface information
Device timing and voltage information
27h
Device geometry definition
Flash memory layout
P(h)(1)
1.
Offset 15h defines P which points to the primary algorithm extended query address table.
Primary algorithm-specific extended query
table
Additional information specific to the primary
algorithm (optional)
A(h)(2)
2.
Offset 19h defines A which points to the alternate algorithm extended query address table.
Alternate algorithm-specific extended query
table
Additional information specific to the
alternate algorithm (optional)
Table 26.
CFI - query address and data output(1)(2)
1.
The x 8 or Byte Address and the x 16 or Word Address mode are not available.
2.
Query Data are always presented on DQ7-DQ0. DQ31-DQ8 are set to '0'.
Address A0-A18
Data
Instruction
10h
51h
"Q"
51h; "Q"
Query ASCII String 52h; "R"
59h; "Y"
11h
52h
"R"
12h
59h
"Y"
13h
03h
Primary vendor:
Command set and control interface ID code
14h
00h
15h
35h
Primary algorithm extended query address table:
P(h)
16h
00h
17h
00h
Alternate vendor:
Command Set and Control interface ID code
18h
00h
19h
00h
Alternate algorithm extended query address table
1Ah
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com